Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713L Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 99Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 100Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 101Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 102Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 103Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 104Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 105Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 106Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
103
AC-COUPLED HEADPHONE OUTPUT
The circuit diagram below shows how to connect a stereo headphone to the WM9713L.
Figure 35 Simple Headphone Output Circuit Diagram
The DC blocking capacitors C1 and C2 together with the load resistance determine the lower cut-off
frequency, fc. Increasing the capacitance lowers fc, improving the bass response. Smaller
capacitance values will diminish the bass response. For example, with a 16
Ω load and C1 = 220µF:
fc = 1 / 2
π RLC1 = 1 / (2π x 16Ω x 220µF) = 45 Hz
DC COUPLED (CAPLESS) HEADPHONE OUTPUT
In the interest of saving board space and cost, it may be desirable to eliminate the 220
µF DC
blocking capacitors. This can be achieved by using OUT3 as a headphone pseudo-ground, as shown
below.
Figure 36 Capless Headphone Output Circuit Diagram
As the OUT3 pin produces a DC voltage of AVDD/2, there is no DC offset between HPL/HPR and
OUT3, and therefore no DC blocking capacitors are required. However, this configuration has some
drawbacks:
The power consumption of the WM9713L is increased, due to the additional power
consumed in the OUT3 output buffer.
If the DC coupled output is connected to the line-in of a grounded piece of equipment, then
OUT3 becomes short-circuited. Although the built-in short circuit protection will prevent
any damage to the WM9713L, the audio signal will not be transmitted properly.
OUT3 cannot be used for another purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com