Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 48 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 44Page - Silicon Laboratories C8051F54X Datasheet HTML 45Page - Silicon Laboratories C8051F54X Datasheet HTML 46Page - Silicon Laboratories C8051F54X Datasheet HTML 47Page - Silicon Laboratories C8051F54X Datasheet HTML 48Page - Silicon Laboratories C8051F54X Datasheet HTML 49Page - Silicon Laboratories C8051F54X Datasheet HTML 50Page - Silicon Laboratories C8051F54X Datasheet HTML 51Page - Silicon Laboratories C8051F54X Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 276 page
background image
C8051F54x
48
Rev. 1.1
6.2. Electrical Characteristics
Table 6.2. Global Electrical Characteristics
–40 to +125 °C, 24 MHz system clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Supply Input Voltage (VREGIN)
1.8
5.25
V
Digital Supply Voltage (VDD)
System Clock < 25 MHz
System Clock > 25 MHz
VRST
1
—2.75
V
2
2.75
Analog Supply Voltage (VDDA)
(Must be connected to VDD)
System Clock < 25 MHz
System Clock > 25 MHz
VRST
1
—2.75
V
22.75
Port I/O Supply Voltage (VIO)
Normal Operation
1.82
—5.25
V
Digital Supply RAM Data
Retention Voltage
—1.5
V
SYSCLK (System Clock)3
0—
50
MHz
TSYSH (SYSCLK High Time)
9
ns
TSYSL (SYSCLK Low Time)
9
ns
Specified Operating
Temperature Range
–40
+125
°C
Digital Supply Current—CPU Active (Normal Mode, fetching instructions from Flash)
IDD
4
VDD = 2.1 V, F = 200 kHz
85
µA
VDD = 2.1 V, F = 1.5 MHz
600
µA
VDD = 2.1 V, F = 25 MHz
9.2
11
mA
VDD = 2.1 V, F = 50 MHz
17
21
mA
IDD
4
VDD = 2.6 V, F = 200 kHz
120
µA
VDD = 2.6 V, F = 1.5 MHz
920
µA
VDD = 2.6 V, F = 25 MHz
13
21
mA
VDD = 2.6 V, F = 50 MHz
22
33
mA
IDD Supply Sensitivity
4
F = 25 MHz
68
%/V
F = 1 MHz
77
%/V
IDD Frequency Sensitivity
4,5
VDD = 2.1 V, F < 12.5 MHz, T = 25 °C
0.43
mA/MHz
VDD = 2.1 V, F > 12.5 MHz, T = 25 °C
0.33
mA/MHz
VDD = 2.6 V, F < 12.5 MHz, T = 25 °C
0.60
mA/MHz
VDD = 2.6 V, F > 12.5 MHz, T = 25 °C
0.42
mA/MHz
Notes:
1. Given in Table 6.4 on page 52.
2. VIO should not be lower than the VDD voltage.
3. SYSCLK must be at least 32 kHz to enable debugging.
4. Guaranteed by characterization. Does not include oscillator supply current.
5. IDD estimation for different frequencies.
6. Idle IDD estimation for different frequencies.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com