Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 57 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 57 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 53Page - Silicon Laboratories C8051F54X Datasheet HTML 54Page - Silicon Laboratories C8051F54X Datasheet HTML 55Page - Silicon Laboratories C8051F54X Datasheet HTML 56Page - Silicon Laboratories C8051F54X Datasheet HTML 57Page - Silicon Laboratories C8051F54X Datasheet HTML 58Page - Silicon Laboratories C8051F54X Datasheet HTML 59Page - Silicon Laboratories C8051F54X Datasheet HTML 60Page - Silicon Laboratories C8051F54X Datasheet HTML 61Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 276 page
background image
C8051F54x
Rev. 1.1
57
Table 6.12. Comparator 0 and Comparator 1 Electrical Characteristics
VIO = 1.8 to 5.25 V, –40 to +125 °C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Response Time:
Mode 0, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
330
ns
CPn+ – CPn– = –100 mV
390
ns
Response Time:
Mode 1, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
490
ns
CPn+ – CPn– = –100 mV
610
ns
Response Time:
Mode 2, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
590
ns
CP0+ – CP0– = –100 mV
750
ns
Response Time:
Mode 3, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
2300
ns
CPn+ – CPn– = –100 mV
3100
ns
Common-Mode Rejection Ratio
2.1
13
mV/V
Positive Hysteresis 1
CPnHYP1–0 = 00
–2
0
2
mV
Positive Hysteresis 2
CPnHYP1–0 = 01
2
6
10
mV
Positive Hysteresis 3
CPnHYP1–0 = 10
5
11
20
mV
Positive Hysteresis 4
CPnHYP1–0 = 11
13
21
40
mV
Negative Hysteresis 1
CPnHYN1–0 = 00
–2
0
2
mV
Negative Hysteresis 2
CPnHYN1–0 = 01
2
5
10
mV
Negative Hysteresis 3
CPnHYN1–0 = 10
5
11
20
mV
Negative Hysteresis 4
CPnHYN1–0 = 11
13
21
40
mV
Inverting or Non-Inverting Input
Voltage Range
–0.25
VIO + 0.25
V
Input Capacitance
8
pF
Input Offset Voltage
–10
+10
mV
Power Supply
Power Supply Rejection
0.18
mV/V
Power-Up Time
3
µs
Supply Current at DC
Mode 0
6.3
20
µA
Mode 1
3.4
10
µA
Mode 2
2.6
7.5
µA
Mode 3
0.6
3
µA
*Note: Vcm is the common-mode voltage on CP0+ and CP0–.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com