Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 60 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 60 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 56Page - Silicon Laboratories C8051F54X Datasheet HTML 57Page - Silicon Laboratories C8051F54X Datasheet HTML 58Page - Silicon Laboratories C8051F54X Datasheet HTML 59Page - Silicon Laboratories C8051F54X Datasheet HTML 60Page - Silicon Laboratories C8051F54X Datasheet HTML 61Page - Silicon Laboratories C8051F54X Datasheet HTML 62Page - Silicon Laboratories C8051F54X Datasheet HTML 63Page - Silicon Laboratories C8051F54X Datasheet HTML 64Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 276 page
background image
C8051F54x
59
Rev. 1.1
SFR Address = 0xBB; SFR Page = 0x00;
SFR Definition 6.3. ADC0MX: ADC0 Channel Select
Bit
7
6
5
4
3
2
1
0
Name
ADC0MX[5:0]
Type
R
R
R/W
Reset
0
0
1
1
1
1
1
1
Bit
Name
Function
7:6
Unused
Read = 00b; Write = Don’t Care.
5:0 AMX0P[5:0] AMUX0 Positive Input Selection.
000000:
P0.0
000001:
P0.1
000010:
P0.2
000011:
P0.3
000100:
P0.4
000101:
P0.5
000110:
P0.6
000111:
P0.7
001000:
P1.0
001001:
P1.1
001010:
P1.2
001011:
P1.3
001100:
P1.4
001101:
P1.5
001110:
P1.6
001111:
P1.7
010000:
P2.0
010001:
P2.1
010010:
P2.2 (Only available on 32-pin package devices)
010011:
P2.3 (Only available on 32-pin package devices)
010100:
P2.4 (Only available on 32-pin package devices)
010101:
P2.5 (Only available on 32-pin package devices)
010110:
P2.6 (Only available on 32-pin package devices)
010111:
P2.7 (Only available on 32-pin package devices)
011000:
P3.0 (Only available on 32-pin package devices)
011001–101111:
Reserved
110000:
Temp Sensor
110001:
VDD
110010–111111:
GND


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com