Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 62 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 62 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 58Page - Silicon Laboratories C8051F54X Datasheet HTML 59Page - Silicon Laboratories C8051F54X Datasheet HTML 60Page - Silicon Laboratories C8051F54X Datasheet HTML 61Page - Silicon Laboratories C8051F54X Datasheet HTML 62Page - Silicon Laboratories C8051F54X Datasheet HTML 63Page - Silicon Laboratories C8051F54X Datasheet HTML 64Page - Silicon Laboratories C8051F54X Datasheet HTML 65Page - Silicon Laboratories C8051F54X Datasheet HTML 66Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 276 page
background image
C8051F54x
Rev. 1.1
61
7. Voltage Reference
The Voltage reference multiplexer on the C8051F54x devices is configurable to use an externally con-
nected voltage reference, the on-chip reference voltage generator routed to the VREF pin, or the VDD
power supply voltage (see Figure 7.1). The REFSL bit in the Reference Control register (REF0CN, SFR
Definition 7.1) selects the reference source for the ADC. For an external source or the on-chip reference,
REFSL should be set to 0 to select the VREF pin. To use VDD as the reference source, REFSL should be
set to 1.
The BIASE bit enables the internal voltage bias generator, which is used by the ADC, Temperature Sensor,
and internal oscillator. This bias is automatically enabled when any peripheral which requires it is enabled,
and it does not need to be enabled manually. The bias generator may be enabled manually by writing a 1
to the BIASE bit in register REF0CN. The electrical specifications for the voltage reference circuit are given
in Table 6.11.
The on-chip voltage reference circuit consists of a temperature stable bandgap voltage reference genera-
tor and a gain-of-two output buffer amplifier. The output voltage is selectable between 1.5 V and 2.25 V.
The on-chip voltage reference can be driven on the VREF pin by setting the REFBE bit in register REF0CN
to a 1. The maximum load seen by the VREF pin must be less than 200 µA to GND. Bypass capacitors of
0.1 µF and 4.7 µF are recommended from the VREF pin to GND. If the on-chip reference is not used, the
REFBE bit should be cleared to 0. Electrical specifications for the on-chip voltage reference are given in
Table 6.11.
Important Note about the VREF Pin: When using either an external voltage reference or the on-chip ref-
erence circuitry, the VREF pin should be configured as an analog pin and skipped by the Digital Crossbar.
Refer to Section “18. Port Input/Output” on page 147 for the location of the VREF pin, as well as details of
how to configure the pin in analog mode and to be skipped by the crossbar.
Figure 7.1. Voltage Reference Functional Block Diagram
VREF
(to ADC)
To Analog Mux
VDD
VREF
R1
VDD
External
Voltage
Reference
Circuit
GND
Temp Sensor
EN
Bias Generator
To ADC, Internal
Oscillators
EN
IOSCE
N
0
1
REF0CN
REFBE
Internal
Reference
EN
Recommended Bypass
Capacitors
+
4.7
μF0.1μF


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com