Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 73 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 73 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 69Page - Silicon Laboratories C8051F54X Datasheet HTML 70Page - Silicon Laboratories C8051F54X Datasheet HTML 71Page - Silicon Laboratories C8051F54X Datasheet HTML 72Page - Silicon Laboratories C8051F54X Datasheet HTML 73Page - Silicon Laboratories C8051F54X Datasheet HTML 74Page - Silicon Laboratories C8051F54X Datasheet HTML 75Page - Silicon Laboratories C8051F54X Datasheet HTML 76Page - Silicon Laboratories C8051F54X Datasheet HTML 77Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 276 page
background image
C8051F54x
Rev. 1.1
72
9. Voltage Regulator (REG0)
C8051F54x devices include an on-chip low dropout voltage regulator (REG0). The input to REG0 at the
VREGIN pin can be as high as 5.25 V. The output can be selected by software to 2.1 V or 2.6 V. When
enabled, the output of REG0 appears on the VDD pin, powers the microcontroller core, and can be used to
power external devices. On reset, REG0 is enabled and can be disabled by software.
The Voltage regulator can generate an interrupt (if enabled by EREG0, EIE2.0) that is triggered whenever
the VREGIN input voltage drops below the dropout threshold voltage. This dropout interrupt has no pending
flag and the recommended procedure to use it is as follows:
1. Wait enough time to ensure the VREGIN input voltage is stable
2. Enable the dropout interrupt (EREG0, EIE2.0) and select the proper priority (PREG0, EIP2.0)
3. If triggered, inside the interrupt disable it (clear EREG0, EIE2.0), execute all procedures necessary to
protect your application (put it in a safe mode and leave the interrupt now disabled).
4. In the main application, now running in the safe mode, regularly check the DROPOUT bit (REG0CN.0).
Once it is cleared by the regulator hardware, the application can enable the interrupt again (EREG0,
EIE1.6) and return to the normal mode operation.
The input (VREGIN) and output (VDD) of the voltage regulator should both be bypassed with a large capaci-
tor (4.7 µF + 0.1 µF) to ground as shown in Figure 9.1 below. This capacitor will eliminate power spikes
and provide any immediate power required by the microcontroller. The settling time associated with the
voltage regulator is shown in Table 6.8 on page 54.
Figure 9.1. External Capacitors for Voltage Regulator Input/Output—
Regulator Enabled
If the internal voltage regulator is not used, the VREGIN input should be tied to VDD, as shown in Figure 9.2.
VDD
VDD
REG0
4.7 µF
4.7 µF
.1 µF
.1 µF
VREGIN


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com