Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 74 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 74 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 70Page - Silicon Laboratories C8051F54X Datasheet HTML 71Page - Silicon Laboratories C8051F54X Datasheet HTML 72Page - Silicon Laboratories C8051F54X Datasheet HTML 73Page - Silicon Laboratories C8051F54X Datasheet HTML 74Page - Silicon Laboratories C8051F54X Datasheet HTML 75Page - Silicon Laboratories C8051F54X Datasheet HTML 76Page - Silicon Laboratories C8051F54X Datasheet HTML 77Page - Silicon Laboratories C8051F54X Datasheet HTML 78Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 276 page
background image
C8051F54x
73
Rev. 1.1
Figure 9.2. External Capacitors for Voltage Regulator Input/Output—Regulator Disabled
SFR Address = 0xC9; SFR Page = 0x00
SFR Definition 9.1. REG0CN: Regulator Control
Bit
7
6
5
4
3
2
1
0
Name
REGDIS
Reserved
REG0MD
DROPOUT
Type
R/W
R/W
R
R/W
R
R
R
R
Reset
0
1
0
1
0
0
0
0
Bit
Name
Function
7
REGDIS
Voltage Regulator Disable Bit.
0: Voltage Regulator Enabled
1: Voltage Regulator Disabled
6
Reserved
Read = 1b; Must Write 1b.
5
Unused
Read = 0b; Write = Don’t Care.
4
REG0MD
Voltage Regulator Mode Select Bit.
0: Voltage Regulator Output is 2.1V.
1: Voltage Regulator Output is 2.6V.
3:1
Unused
Read = 000b. Write = Don’t Care.
0
DROPOUT
Voltage Regulator Dropout Indicator.
0: Voltage Regulator is not in dropout
1: Voltage Regulator is in or near dropout.
VREGIN
VDD
VDD
4.7 µF
.1 µF


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com