Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 78 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 78 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 74Page - Silicon Laboratories C8051F54X Datasheet HTML 75Page - Silicon Laboratories C8051F54X Datasheet HTML 76Page - Silicon Laboratories C8051F54X Datasheet HTML 77Page - Silicon Laboratories C8051F54X Datasheet HTML 78Page - Silicon Laboratories C8051F54X Datasheet HTML 79Page - Silicon Laboratories C8051F54X Datasheet HTML 80Page - Silicon Laboratories C8051F54X Datasheet HTML 81Page - Silicon Laboratories C8051F54X Datasheet HTML 82Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 276 page
background image
C8051F54x
77
Rev. 1.1
Table 10.1. CIP-51 Instruction Set Summary
Mnemonic
Description
Bytes
Clock
Cycles
Arithmetic Operations
ADD A, Rn
Add register to A
1
1
ADD A, direct
Add direct byte to A
2
2
ADD A, @Ri
Add indirect RAM to A
1
2
ADD A, #data
Add immediate to A
2
2
ADDC A, Rn
Add register to A with carry
1
1
ADDC A, direct
Add direct byte to A with carry
2
2
ADDC A, @Ri
Add indirect RAM to A with carry
1
2
ADDC A, #data
Add immediate to A with carry
2
2
SUBB A, Rn
Subtract register from A with borrow
1
1
SUBB A, direct
Subtract direct byte from A with borrow
2
2
SUBB A, @Ri
Subtract indirect RAM from A with borrow
1
2
SUBB A, #data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC direct
Increment direct byte
2
2
INC @Ri
Increment indirect RAM
1
2
DEC A
Decrement A
1
1
DEC Rn
Decrement register
1
1
DEC direct
Decrement direct byte
2
2
DEC @Ri
Decrement indirect RAM
1
2
INC DPTR
Increment Data Pointer
1
1
MUL AB
Multiply A and B
1
4
DIV AB
Divide A by B
1
8
DA A
Decimal adjust A
1
1
Logical Operations
ANL A, Rn
AND Register to A
1
1
ANL A, direct
AND direct byte to A
2
2
ANL A, @Ri
AND indirect RAM to A
1
2
ANL A, #data
AND immediate to A
2
2
ANL direct, A
AND A to direct byte
2
2
ANL direct, #data
AND immediate to direct byte
3
3
ORL A, Rn
OR Register to A
1
1
ORL A, direct
OR direct byte to A
2
2
ORL A, @Ri
OR indirect RAM to A
1
2
ORL A, #data
OR immediate to A
2
2
ORL direct, A
OR A to direct byte
2
2
ORL direct, #data
OR immediate to direct byte
3
3
XRL A, Rn
Exclusive-OR Register to A
1
1
XRL A, direct
Exclusive-OR direct byte to A
2
2
XRL A, @Ri
Exclusive-OR indirect RAM to A
1
2
Note:
Certain instructions take a variable number of clock cycles to execute depending on instruction alignment and
the FLRT setting (SFR Definition 14.3).


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com