Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 92 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 92 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 88Page - Silicon Laboratories C8051F54X Datasheet HTML 89Page - Silicon Laboratories C8051F54X Datasheet HTML 90Page - Silicon Laboratories C8051F54X Datasheet HTML 91Page - Silicon Laboratories C8051F54X Datasheet HTML 92Page - Silicon Laboratories C8051F54X Datasheet HTML 93Page - Silicon Laboratories C8051F54X Datasheet HTML 94Page - Silicon Laboratories C8051F54X Datasheet HTML 95Page - Silicon Laboratories C8051F54X Datasheet HTML 96Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 276 page
background image
C8051F54x
Rev. 1.1
91
12.3. SFR Page Stack Example
The following is an example that shows the operation of the SFR Page Stack during interrupts. In this
example, the SFR Control register is left in the default enabled state (i.e., SFRPGEN = 1), and the CIP-51
is executing in-line code that is writing values to SMBus Address Register (SFR “SMB0ADR”, located at
address 0xB9 on SFR Page 0x0F). The device is also using the SPI peripheral (SPI0) and the Programma-
ble Counter Array (PCA0) peripheral to generate a PWM output. The PCA is timing a critical control func-
tion in its interrupt service routine, and so its associated ISR is set to high priority. At this point, the SFR
page is set to access the SMB0ADR SFR (SFRPAGE = 0x0F). See Figure 12.2.
Figure 12.2. SFR Page Stack While Using SFR Page 0x0 To Access SMB0ADR
While CIP-51 executes in-line code (writing a value to SMB0ADR in this example), the SPI0 Interrupt
occurs. The CIP-51 vectors to the SPI0 ISR and pushes the current SFR Page value (SFR Page 0x0F) into
SFRNEXT in the SFR Page Stack. The SFR page needed to access SPI0’s SFRs is then automatically
placed in the SFRPAGE register (SFR Page 0x00). SFRPAGE is considered the “top” of the SFR Page
Stack. Software can now access the SPI0 SFRs. Software may switch to any SFR Page by writing a new
value to the SFRPAGE register at any time during the SPI0 ISR to access SFRs that are not on SFR Page
0x00. See Figure 12.3.
0x0F
(SMB0ADR)
SFRPAGE
SFRLAST
SFRNEXT
SFR Page
Stack SFR's


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com