Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F54X Datasheet HTML 1Page - Silicon Laboratories C8051F54X Datasheet HTML 2Page - Silicon Laboratories C8051F54X Datasheet HTML 3Page - Silicon Laboratories C8051F54X Datasheet HTML 4Page - Silicon Laboratories C8051F54X Datasheet HTML 5Page - Silicon Laboratories C8051F54X Datasheet HTML 6Page - Silicon Laboratories C8051F54X Datasheet HTML 7Page - Silicon Laboratories C8051F54X Datasheet HTML 8Page - Silicon Laboratories C8051F54X Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 276 page
background image
Mixed Signal ISP Flash MCU Family
C8051F54x
Rev. 1.1 4/11
Copyright © 2011 by Silicon Laboratories
C8051F540/1/2/3/4/5/6/7
Analog Peripherals
-
12-Bit ADC
Up to 200 ksps
Up to 25 external single-ended inputs
VREF from on-chip VREF, external pin or VDD
Internal or external start of conversion source
Built-in temperature sensor
-
Two Comparators
Programmable hysteresis and response time
Configurable as interrupt or reset source
Low current
On-Chip Debug
-
On-chip debug circuitry facilitates full speed, non-
intrusive in-system debug (no emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
Low cost, complete development kit
Supply Voltage 1.8 to 5.25 V
-
Typical operating current: 19 mA at 50 MHz;
Typical stop mode current: 1 µA
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 50 MIPS throughput with 50 MHz clock
-
Expanded interrupt handler
Memory
-
1280 bytes internal data RAM (256 + 1024 XRAM)
-
16 or 8 kB Flash; In-system programmable in
512-byte Sectors
Digital Peripherals
-
25 or 18 Port I/O; All 5 V tolerant
-
LIN 2.1 Controller (Master and Slave capable); no
crystal required
-
Hardware enhanced UART, SMBus™, and
enhanced SPI™ serial ports
-
Four general purpose 16-bit counter/timers
-
16-Bit programmable counter array (PCA) with six
capture/compare modules and enhanced PWM
functionality
Clock Sources
-
Internal 24 MHz with ±0.5% accuracy master LIN
operation
-
External oscillator: Crystal, RC, C, or clock
(1 or 2 pin modes)
-
Can switch between clock sources on-the-fly;
useful in power saving modes
Packages
-
32-Pin QFP/QFN (C8051F540/1/4/5)
-
24-Pin QFN (C8051F542/3/6/7)
Automotive Qualified
-
Temperature Range: –40 to +125 °C
-
Compliant to AEC-Q100
ANALOG
PERIPHERALS
16 kB
ISP FLASH
1 kB XRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(50 MIPS)
DIGITAL I/O
24 MHz PRECISION
INTERNAL OSCILLATOR
HIGH-SPEED CONTROLLER CORE
WDT
2x Clock Multiplier
UART 0
SMBus
SPI
PCA
Timers 0-3
Crossbar
LIN
Ports 0-3
A
M
U
X
12-bit
200 ksps
ADC
TEMP
SENSOR
Voltage
Comparators 0-1
VREG
VREF


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com