Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 13 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 9Page - Silicon Laboratories C8051F54X Datasheet HTML 10Page - Silicon Laboratories C8051F54X Datasheet HTML 11Page - Silicon Laboratories C8051F54X Datasheet HTML 12Page - Silicon Laboratories C8051F54X Datasheet HTML 13Page - Silicon Laboratories C8051F54X Datasheet HTML 14Page - Silicon Laboratories C8051F54X Datasheet HTML 15Page - Silicon Laboratories C8051F54X Datasheet HTML 16Page - Silicon Laboratories C8051F54X Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 276 page
background image
C8051F54x
Rev. 1.1
13
1. System Overview
C8051F54x devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are
listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.
High-speed pipelined 8051-compatible microcontroller core (up to 50 MIPS)
In-system, full-speed, non-intrusive debug interface (on-chip)
LIN 2.1 peripheral (fully backwards compatible, master and slave modes) (C8051F540/2/4/6)
True 12-bit 200 ksps 32-channel single-ended ADC with analog multiplexer
Precision programmable 24 MHz internal oscillator that is within ±0.5% across the temperature range
and for VDD voltages greater than or equal to the on-chip voltage regulator minimum output at the low
setting. The oscillator is within +1.0% for VDD voltages below this minimum output setting.
On-chip Clock Multiplier to reach up to 50 MHz
16 kB (C8051F540/1/2/3) or 8 kB (C8051F544/5/6/7) of on-chip Flash memory
1280 bytes of on-chip RAM
SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware
Four general-purpose 16-bit timers
Programmable Counter/Timer Array (PCA) with six capture/compare modules and Watchdog Timer
function
On-chip Voltage Regulator
On-chip Power-On Reset, VDD Monitor, and Temperature Sensor
On-chip Voltage Comparator
25 or 18 Port I/O (5 V push-pull)
With on-chip Voltage Regulator, Power-On Reset, VDD monitor, Watchdog Timer, and clock oscillator, the
C8051F54x devices are truly stand-alone System-on-a-Chip solutions. The Flash memory can be repro-
grammed even in-circuit, providing non-volatile data storage, and also allowing field upgrades of the 8051
firmware. User software has complete control of all peripherals, and may individually shut down any or all
peripherals for power savings.
The on-chip Silicon Labs 2-Wire (C2) Development Interface allows non-intrusive (uses no on-chip
resources), full speed, in-circuit debugging using the production MCU installed in the final application. This
debug logic supports inspection and modification of memory and registers, setting breakpoints, single
stepping, run and halt commands. All analog and digital peripherals are fully functional while debugging
using C2. The two C2 interface pins can be shared with user functions, allowing in-system debugging with-
out occupying package pins.
The devices are specified for 1.8 V to 5.25 V operation over the automotive temperature range (–40 to
+125 °C). The C8051F540/1/4/5 devices are available in 32-pin QFP and QFN packages and the
C8051F542/3/6/7 devices are available in 32-pin QFN packages. All package options are lead-free and
RoHS compliant. See Table 2.1 for ordering information. Block diagrams are included in Figure 1.1 and
Figure 1.2.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com