Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 14 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 10Page - Silicon Laboratories C8051F54X Datasheet HTML 11Page - Silicon Laboratories C8051F54X Datasheet HTML 12Page - Silicon Laboratories C8051F54X Datasheet HTML 13Page - Silicon Laboratories C8051F54X Datasheet HTML 14Page - Silicon Laboratories C8051F54X Datasheet HTML 15Page - Silicon Laboratories C8051F54X Datasheet HTML 16Page - Silicon Laboratories C8051F54X Datasheet HTML 17Page - Silicon Laboratories C8051F54X Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 276 page
background image
C8051F54x
14
Rev. 1.1
Figure 1.1. C8051F540/1/4/5 Block Diagram
Digital Peripherals
UART0
Timers 0,
1, 2, 3
6 channel
PCA/WDT
LIN 2.1
Priority
Crossbar
Decoder
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
Crossbar Control
Port I/O Configuration
SFR
Bus
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
I2C
Debug /
Programming
Hardware
Power On
Reset
Reset
C2CK/RST
P1.6
P1.7
Analog Peripherals
Comparator 0
+
-
12-bit
200ksps
ADC
A
M
U
X
VREF
VDD
VDD
VREF
GND
CP0, CP0A
Voltage
Reference
VREF
System Clock Setup
External Oscillator
XTAL1
CIP-51 8051 Controller
Core (50 MHz)
16 kB Flash Program
Memory
256 Byte RAM
Port 0
Drivers
Port 1
Drivers
Voltage Regulator
(LDO)
GND
VREGIN
VDD
XTAL2
VIO
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
Port 2
Drivers
Temp
Sensor
P0 – P3
GNDA
VDDA
Clock Multiplier
Internal Oscillator
(±0.5%)
1 kB XRAM
SPI
Comparator 1
+
-
CP1, CP1A
P3.0/C2D
Port 3
Driver
C2D


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com