Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 18 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 14Page - Silicon Laboratories C8051F54X Datasheet HTML 15Page - Silicon Laboratories C8051F54X Datasheet HTML 16Page - Silicon Laboratories C8051F54X Datasheet HTML 17Page - Silicon Laboratories C8051F54X Datasheet HTML 18Page - Silicon Laboratories C8051F54X Datasheet HTML 19Page - Silicon Laboratories C8051F54X Datasheet HTML 20Page - Silicon Laboratories C8051F54X Datasheet HTML 21Page - Silicon Laboratories C8051F54X Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 276 page
background image
C8051F54x
Rev. 1.1
18
3. Pin Definitions
Table 3.1. Pin Definitions for the C8051F54x
Name
Pin
‘F540/1/4/5
(32-pin)
Pin
‘F542/3/6/7
(24-pin)
Type
Description
VDD
4
3
Digital Supply Voltage. Must be connected.
GND
6
4
Digital Ground. Must be connected.
VDDA
5
Analog Supply Voltage. Must be connected. Connected
internally to VDD on the 24-pin packages.
GNDA
7
5
Analog Ground. Must be connected.
VREGIN
3
2
Voltage Regulator Input
VIO
2
1
Port I/O Supply Voltage. Must be connected.
RST/
C2CK
10
8
D I/O
D I/O
Device Reset. Open-drain output of internal POR or
VDD Monitor.
Clock signal for the C2 Debug Interface.
P2.1/
C2D
7
D I/O or A In
D I/O
Port 2.1. See SFR Definition 18.20 for a description.
Bi-directional data signal for the C2 Debug Interface.
P3.0/
C2D
9
D I/O or A In
D I/O
Port 3.0. See SFR Definition 18.24 for a description.
Bi-directional data signal for the C2 Debug Interface.
P0.0
8
6
D I/O or A In Port 0.0. See SFR Definition 18.12 for a description.
P0.1
1
24
D I/O or A In Port 0.1
P0.2
32
23
D I/O or A In Port 0.2
P0.3
31
22
D I/O or A In Port 0.3
P0.4
30
21
D I/O or A In Port 0.4
P0.5
29
20
D I/O or A In Port 0.5
P0.6
28
19
D I/O or A In Port 0.6
P0.7
27
18
D I/O or A In Port 0.7
P1.0
26
17
D I/O or A In Port 1.0. See SFR Definition 18.16 for a description.
P1.1
25
16
D I/O or A In Port 1.1.
P1.2
24
15
D I/O or A In Port 1.2.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com