Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 23 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 19Page - Silicon Laboratories C8051F54X Datasheet HTML 20Page - Silicon Laboratories C8051F54X Datasheet HTML 21Page - Silicon Laboratories C8051F54X Datasheet HTML 22Page - Silicon Laboratories C8051F54X Datasheet HTML 23Page - Silicon Laboratories C8051F54X Datasheet HTML 24Page - Silicon Laboratories C8051F54X Datasheet HTML 25Page - Silicon Laboratories C8051F54X Datasheet HTML 26Page - Silicon Laboratories C8051F54X Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 276 page
background image
C8051F54x
Rev. 1.1
23
4. Package Specifications
4.1. QFP-32 Package Specifications
Figure 4.1. QFP-32 Package Drawing
Table 4.1. QFP-32 Package Dimensions
Dimension
Min
Typ
Max
Dimension
Min
Typ
Max
A
1.60
E
9.00 BSC.
A1
0.05
0.15
E1
7.00 BSC.
A2
1.35
1.40
1.45
L
0.45
0.60
0.75
b
0.30
0.37
0.45
aaa
0.20
c
0.09
0.20
bbb
0.20
D
9.00 BSC.
ccc
0.10
D1
7.00 BSC.
ddd
0.20
e
0.80 BSC.
θ
3.5°
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to the JEDEC outline MS-026, variation BBA.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body
Components.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com