Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 29 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 25Page - Silicon Laboratories C8051F54X Datasheet HTML 26Page - Silicon Laboratories C8051F54X Datasheet HTML 27Page - Silicon Laboratories C8051F54X Datasheet HTML 28Page - Silicon Laboratories C8051F54X Datasheet HTML 29Page - Silicon Laboratories C8051F54X Datasheet HTML 30Page - Silicon Laboratories C8051F54X Datasheet HTML 31Page - Silicon Laboratories C8051F54X Datasheet HTML 32Page - Silicon Laboratories C8051F54X Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 276 page
background image
C8051F54x
Rev. 1.1
29
5. 12-Bit ADC (ADC0)
The ADC0 on the C8051F54x consists of an analog multiplexer (AMUX0) with 25/18 total input selections
and a 200 ksps, 12-bit successive-approximation-register (SAR) ADC with integrated track-and-hold, pro-
grammable window detector, programmable attenuation (1:2), and hardware accumulator. The ADC0 sub-
system has a special Burst Mode which can automatically enable ADC0, capture and accumulate
samples, then place ADC0 in a low power shutdown mode without CPU intervention. The AMUX0, data
conversion modes, and window detector are all configurable under software control via the Special Func-
tion Registers shows in Figure 5.1. ADC0 inputs are single-ended and may be configured to measure
P0.0-P3.7, the Temperature Sensor output, VDD, or GND with respect to GND. The voltage reference for
ADC0 is selected as described in Section “6.2. Temperature Sensor” on page 60. ADC0 is enabled when
the AD0EN bit in the ADC0 Control register (ADC0CN) is set to logic 1, or when performing conversions in
Burst Mode. ADC0 is in low power shutdown when AD0EN is logic 0 and no Burst Mode conversions are
taking place.
Figure 5.1. ADC0 Functional Block Diagram
ADC0CN
Start
Conversion
VDD
28-to-1
AMUX0
VDD
P0.0
P0.7
P1.0
P1.7
ADC0MX
GND
Temp Sensor
ADC0TK
Burst Mode
Logic
Start
Conversion
Burst Mode
Oscillator
25 MHz Max
SYSCLK
P2.2-P2.7, P3.0 available
on 32-pin packages
00
AD0BUSY (W)
10
CNVSTR Input
Timer 2 Overflow
11
01
Timer 1 Overflow
12-Bit
SAR
ADC
32
ADC0LTH
AD0WINT
ADC0LTL
ADC0GTH ADC0GTL
ADC0CF
Accumulator
Window
Compare
Logic
Selectable
Gain
P2.0
P2.7
P3.0
ADC0GNL
ADC0GNH
ADC0GNA


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com