Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 33 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 29Page - Silicon Laboratories C8051F54X Datasheet HTML 30Page - Silicon Laboratories C8051F54X Datasheet HTML 31Page - Silicon Laboratories C8051F54X Datasheet HTML 32Page - Silicon Laboratories C8051F54X Datasheet HTML 33Page - Silicon Laboratories C8051F54X Datasheet HTML 34Page - Silicon Laboratories C8051F54X Datasheet HTML 35Page - Silicon Laboratories C8051F54X Datasheet HTML 36Page - Silicon Laboratories C8051F54X Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 276 page
background image
C8051F54x
Rev. 1.1
33
been accumulated. Similarly, the Window Comparator will not compare the result to the greater-than and
less-than registers until “repeat count” conversions have been accumulated.
Note: When using Burst Mode, care must be taken to issue a convert start signal no faster than once every
four SYSCLK periods. This includes external convert start signals.
Figure 5.4. 12-Bit ADC Burst Mode Example With Repeat Count Set to 4
Track..
System Clock
Convert Start
(AD0BUSY or Timer
Overflow)
Post-Tracking
AD0TM = 01
AD0EN = 0
Powered
Down
Powered
Down
T C
Power-Up
and Idle
T C T C T C
Power-Up
and Idle
T C..
Dual-Tracking
AD0TM = 11
AD0EN = 0
Powered
Down
Powered
Down
T C
Power-Up
and Track
T C T C T C
Power-Up
and Track
T C..
AD0PWR
Post-Tracking
AD0TM = 01
AD0EN = 1
Idle
Idle
T C T C T C T C
T C..
Dual-Tracking
AD0TM = 11
AD0EN = 1
Track
Track
T C T C
T C T C T C..
T C T C
T C T C
T = Tracking
C = Converting
Convert Start
(CNVSTR)
Post-Tracking
AD0TM = 01
AD0EN = 0
Powered
Down
Powered
Down
T C
Power-Up
and Idle
Power-Up
and Idle
T C..
Dual-Tracking
AD0TM = 11
AD0EN = 0
Powered
Down
Powered
Down
T C
Power-Up
and Track
Power-Up
and Track
T C..
AD0PWR
Post-Tracking
AD0TM = 01
AD0EN = 1
Idle
Idle
T C
Dual-Tracking
AD0TM = 11
AD0EN = 1
Track
Track
T C
T C
T C
T = Tracking
C = Converting
Idle..


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com