Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 36 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 32Page - Silicon Laboratories C8051F54X Datasheet HTML 33Page - Silicon Laboratories C8051F54X Datasheet HTML 34Page - Silicon Laboratories C8051F54X Datasheet HTML 35Page - Silicon Laboratories C8051F54X Datasheet HTML 36Page - Silicon Laboratories C8051F54X Datasheet HTML 37Page - Silicon Laboratories C8051F54X Datasheet HTML 38Page - Silicon Laboratories C8051F54X Datasheet HTML 39Page - Silicon Laboratories C8051F54X Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 276 page
background image
C8051F54x
36
Rev. 1.1
For example, if ADC0GNH = 0xFC, ADC0GNL = 0x00, and GAINADD = 1, GAIN = 0xFC0 = 4032, and the
resulting equation is as follows:
The table below equates values in the ADC0GNH, ADC0GNL, and ADC0GNA registers to the equivalent
gain using this equation.
For any desired gain value, the GAIN registers can be calculated by the following:
Equation 5.3. Calculating the ADC0GNH and ADC0GNL Values from the Desired Gain
Where:
GAIN is the 12-bit word of ADC0GNH[7:0] and ADC0GNL[7:4]
GAINADD is the value of the GAINADD bit (ADC0GNA.0)
gain is the equivalent gain value from 0 to 1.016
When calculating the value of GAIN to load into the ADC0GNH and ADC0GNL registers, the GAINADD bit
can be turned on or off to reach a value closer to the desired gain value.
For example, the initial example in this section requires a gain of 0.44 to convert 5 V full scale to 2.2 V full
scale. Using Equation 5.3:
If GAINADD is set to 1, this makes the equation:
The actual gain from setting GAINADD to 1 and ADC0GNH and ADC0GNL to 0x6CA is 0.4399. A similar
gain can be achieved if GAINADD is set to 0 with a different value for ADC0GNH and ADC0GNL.
ADC0GNH Value
ADC0GNL Value
GAINADD Value
GAIN Value
Equivalent Gain
0xFC (default)
0x00 (default)
1 (default)
4032 + 64
1.0 (default)
0x7C
0x00
1
1984 + 64
0.5
0xBC
0x00
1
3008 + 64
0.75
0x3C
0x00
1
960 + 64
0.25
0xFF
0xF0
0
4095 + 0
~1.0
0xFF
0xF0
1
4096 + 64
1.016
GAIN
4032
4096
-------------


1
1
64
------


×
+
0.984
0.016
+1.0
==
=
GAIN
gain
GAINADD
1
64
------


×


4096
×
=
GAIN
0.44
GAINADD
1
64
------


×


4096
×
=
GAIN
0.44
1
1
64
------


×


4096
×
0.424
4096
×
1738
0x06CA
==
=
=


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com