Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F54X Datasheet(PDF) 42 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 42 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 38Page - Silicon Laboratories C8051F54X Datasheet HTML 39Page - Silicon Laboratories C8051F54X Datasheet HTML 40Page - Silicon Laboratories C8051F54X Datasheet HTML 41Page - Silicon Laboratories C8051F54X Datasheet HTML 42Page - Silicon Laboratories C8051F54X Datasheet HTML 43Page - Silicon Laboratories C8051F54X Datasheet HTML 44Page - Silicon Laboratories C8051F54X Datasheet HTML 45Page - Silicon Laboratories C8051F54X Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 276 page
background image
C8051F54x
42
Rev. 1.1
SFR Address = 0xE8; SFR Page = 0x00; Bit-Addressable
SFR Definition 5.7. ADC0CN: ADC0 Control
Bit
7
6
5
4
3
2
1
0
Name
AD0EN
BURSTEN
AD0INT
AD0BUSY AD0WINT
AD0LJST
AD0CM[1:0]
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit
Name
Function
7
AD0EN
ADC0 Enable Bit.
0: ADC0 Disabled. ADC0 is in low-power shutdown.
1: ADC0 Enabled. ADC0 is active and ready for data conversions.
6
BURSTEN
ADC0 Burst Mode Enable Bit.
0: Burst Mode Disabled.
1: Burst Mode Enabled.
5
AD0INT
ADC0 Conversion Complete Interrupt Flag.
0: ADC0 has not completed a data conversion since AD0INT was last cleared.
1: ADC0 has completed a data conversion.
4
AD0BUSY
ADC0 Busy Bit.
Read:
0: ADC0 conversion is not
in progress.
1: ADC0 conversion is in
progress.
Write:
0: No Effect.
1: Initiates ADC0 Conver-
sion if AD0CM[1:0] = 00b
3
AD0WINT
ADC0 Window Compare Interrupt Flag.
This bit must be cleared by software
0: ADC0 Window Comparison Data match has not occurred since this flag was last
cleared.
1: ADC0 Window Comparison Data match has occurred.
2
AD0LJST
ADC0 Left Justify Select Bit.
0: Data in ADC0H:ADC0L registers is right-justified
1: Data in ADC0H:ADC0L registers is left-justified. This option should not be used
with a repeat count greater than 1 (when AD0RPT[1:0] is 01b, 10b, or 11b).
1:0
AD0CM[1:0] ADC0 Start of Conversion Mode Select.
00: ADC0 start-of-conversion source is write of 1 to AD0BUSY.
01: ADC0 start-of-conversion source is overflow of Timer 1.
10: ADC0 start-of-conversion source is rising edge of external CNVSTR.
11: ADC0 start-of-conversion source is overflow of Timer 2.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com