Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120N03-1m5L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQM120N03-1m5L
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120N03-1m5L Datasheet(HTML) 5 Page - Vishay Siliconix

  SQM120N03-1m5L Datasheet HTML 1Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 2Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 3Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 4Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 5Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 6Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 7Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 8Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SQM70060EL
www.vishay.com
Vishay Siliconix
S16-0653-Rev. A, 18-Apr-16
5
Document Number: 67764
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Axis Title
V
DS - Drain-to-Source Voltage (V)
(1) V
GS > minimum VGS at which RDS(on) is specified
I
DM limited
Limited by R
DS(on)
(1)
T
C = 25 °C
Single pulse
BVDSS limited
100 ms, 1 s, 10 s, DC
10 ms
1 ms
100 μs
I
D limited
10
-4
10
-3
10
-2
10
-1
1
10
100
1000
1
0.01
0.001
0.1
0.0001
Square Wave Pulse Duration (s)


Similar Part No. - SQM120N03-1m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
163Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
162Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM120N03-1m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com