Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120N03-1m5L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQM120N03-1m5L
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120N03-1m5L Datasheet(HTML) 3 Page - Vishay Siliconix

  SQM120N03-1m5L Datasheet HTML 1Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 2Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 3Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 4Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 5Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 6Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 7Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 8Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SQM70060EL
www.vishay.com
Vishay Siliconix
S16-0653-Rev. A, 18-Apr-16
3
Document Number: 67764
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
10
100
1000
10000
0
40
80
120
160
200
02468
10
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 5 V
V
GS = 4 V
V
GS = 3 V
10
100
1000
10000
0
25
50
75
100
125
0
6
12
18
24
30
Axis Title
I
D - Drain Current (A)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
1600
3200
4800
6400
8000
0
20406080
100
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0
35
70
105
140
175
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
0.003
0.006
0.009
0.012
0.015
0
20406080
100
120
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
20406080
100
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
I
D = 50 A
V
DS = 50 V


Similar Part No. - SQM120N03-1m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
163Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
162Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM120N03-1m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com