Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860EC Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 4Page - Motorola, Inc MPC860EC Datasheet HTML 5Page - Motorola, Inc MPC860EC Datasheet HTML 6Page - Motorola, Inc MPC860EC Datasheet HTML 7Page - Motorola, Inc MPC860EC Datasheet HTML 8Page - Motorola, Inc MPC860EC Datasheet HTML 9Page - Motorola, Inc MPC860EC Datasheet HTML 10Page - Motorola, Inc MPC860EC Datasheet HTML 11Page - Motorola, Inc MPC860EC Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
MPC860 Family Hardware Specifications
MOTOROLA
Power Dissipation
Part V Power Dissipation
Table 5-4 provides power dissipation information. The modes are 1:1, where CPU and bus
speeds are equal, and 2:1 mode, where CPU frequency is twice bus speed.
NOTE
Values in Table 5-4” represent VDDL-based power dissipation
and do not include I/O power dissipation over VDDH. I/O power
dissipation varies widely by application due to buffer current,
depending on external circuitry.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate
method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. For exposed
pad packages where the pad would be expected to be soldered, junction to case thermal resistance is a simulated
value from the junction to the exposed pad without contact resistance.
6 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 5-4. Power Dissipation (PD)
Die Revision
Frequency (MHz)
Typical 1
1 Typical power dissipation is measured at 3.3 V.
Maximum 2
2 Maximum power dissipation is measured at 3.5 V.
Unit
A.3 and Previous
25
450
550
mW
40
700
850
mW
50
870
1050
mW
B.1 and C.1
33
375
TBD
mW
50
575
TBD
mW
66
750
TBD
mW
D.3 and D.4
(1:1 Mode)
50
656
735
mW
66
TBD
TBD
mW
D.3 and D.4
(2:1 Mode)
66
722
762
mW
80
851
909
mW


Similar Part No. - MPC860EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
logo
Freescale Semiconductor...
MPC860EC FREESCALE-MPC860EC Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
More results

Similar Description - MPC860EC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26100 NJRC-NJU26100 Datasheet
270Kb / 17P
NJU26100 Series Hardware Specification
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
Microcontroller Family Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
Integrated Microprocessor Hardware Specification
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
Hardware Functional Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com