Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low-Drop Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4299 Datasheet HTML 1Page - Infineon Technologies AG TLE4299 Datasheet HTML 2Page - Infineon Technologies AG TLE4299 Datasheet HTML 3Page - Infineon Technologies AG TLE4299 Datasheet HTML 4Page - Infineon Technologies AG TLE4299 Datasheet HTML 5Page - Infineon Technologies AG TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLE 4299
Data Sheet Rev. 1.0
5
2002-01-17
Figure 3
Pin Configuration (top view)
Pin Definitions and Functions (TLE 4299 G)
Pin No.
Symbol
Function
1I
Input; block directly to GND on the IC with a ceramic capacitor.
2SI
Sense Input; if not needed connect to Q.
3RADJ
Reset Threshold; if not needed connect to GND.
4D
Reset Delay; to select delay time, connect to GND via external
capacitor.
5GND
Ground
6RO
Reset Output; the open-collector output is internally linked to Q
via a 20 k
W pull-up resistor. Keep open, if the pin is not needed.
7SO
Sense Output; the open-collector output is internally linked to
the output via a 20 k
W pull-up resistor. Keep open, if the pin is not
needed.
8Q
5-V Output; connect to GND with a 22
mF capacitor, ESR < 5 W.
AEP02832
8
1
I
Q
SI
2
7
RADJ
3
6
D4
5
SO
RO
GND
P-DSO-8-3


Similar Part No. - TLE4299

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4299 INFINEON-TLE4299 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994E INFINEON-TLE42994E Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994E INFINEON-TLE42994E Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE4299

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com