| Electronic Components Datasheet Search |
|
AT89C51CC03U-RDTIM Datasheet(PDF) 134 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03U-RDTIM Datasheet(HTML) 134 Page - ATMEL Corporation |
|
134 / 195 page ![]() 134 AT89C51CC03 4182I–CAN–06/05 Figure 60. Data Transmission Format (CPHA = 0) Figure 61. Data Transmission Format (CPHA = 1) Figure 62. CPHA/SS Timing As shown in Figure 60, the first SCK edge is the MSB capture strobe. Therefore, the Slave must begin driving its data before the first SCK edge, and a falling edge on the SS pin is used to start the transmission. The SS pin must be toggled high and then low between each Byte transmitted (Figure 62). Figure 61 shows an SPI transmission in which CPHA is ’1’. In this case, the Master begins driving its MOSI pin on the first SCK edge. Therefore, the Slave uses the first SCK edge as a start transmission signal. The SS pin can remain low between transmis- sions (Figure 62). This format may be preferred in systems having only one Master and only one Slave driving the MISO data line. Queuing transmission For an SPI configured in master or slave mode, a queued data byte must be transmit- ted/received immediately after the previous transmission has completed. MSB bit6 bit5 bit4 bit3 bit2 bit1 LSB bit6 bit5 bit4 bit3 bit2 bit1 MSB LSB 13 24 5 6 7 8 Capture Point SS (to Slave) MISO (from Slave) MOSI (from Master) SCK (CPOL = 1) SCK (CPOL = 0) SPEN (Internal) SCK Cycle Number MSB bit6 bit5 bit4 bit3 bit2 bit1 LSB bit6 bit5 bit4 bit3 bit2 bit1 MSB LSB 13 24 5 6 7 8 Capture Point SS (to Slave) MISO (from Slave) MOSI (from Master) SCK (CPOL = 1) SCK (CPOL = 0) SPEN (Internal) SCK Cycle Number Byte 1 Byte 2 Byte 3 MISO/MOSI Master SS Slave SS (CPHA = 1) Slave SS (CPHA = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |