Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303XB Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 100Page - STMicroelectronics STM32F303XB Datasheet HTML 101Page - STMicroelectronics STM32F303XB Datasheet HTML 102Page - STMicroelectronics STM32F303XB Datasheet HTML 103Page - STMicroelectronics STM32F303XB Datasheet HTML 104Page - STMicroelectronics STM32F303XB Datasheet HTML 105Page - STMicroelectronics STM32F303XB Datasheet HTML 106Page - STMicroelectronics STM32F303XB Datasheet HTML 107Page - STMicroelectronics STM32F303XB Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
fADC
ADC clock frequency
-
0.14
-
72
MHz
fS(1)
Sampling rate
Resolution = 12 bits,
Fast Channel
0.01
-
5.14
MSPS
Resolution = 10 bits,
Fast Channel
0.012
-
6
Resolution = 8 bits,
Fast Channel
0.014
-
7.2
Resolution = 6 bits,
Fast Channel
0.0175
-
9
fTRIG(1)
External trigger frequency
fADC = 72 MHz
Resolution = 12 bits
-
-
5.14
MHz
Resolution = 12 bits
-
-
14
1/fADC
VAIN
Conversion voltage range(2)
-0
-
VREF+
V
RAIN(1)
External input impedance
-
-
-
100
k
Ω
CADC(1)
Internal sample and hold capacitor
-
-
5
-
pF
tSTAB(1)
Power-up time
-
1
conversion
cycle
tCAL(1)
Calibration time
fADC = 72 MHz
1.56
µs
-
112
1/fADC
tlatr(1)
Trigger conversion latency
Regular and injected channels
without conversion abort
CKMODE = 00
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
2
1/fADC
CKMODE = 10
-
-
2.25
1/fADC
CKMODE = 11
-
-
2.125
1/fADC
tlatrinj(1)
Trigger conversion latency
Injected channels aborting a regular
conversion
CKMODE = 00
2.5
3
3.5
1/fADC
CKMODE = 01
-
-
3
1/fADC
CKMODE = 10
-
-
3.25
1/fADC
CKMODE = 11
-
-
3.125
1/fADC
Table 68. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com