| Electronic Components Datasheet Search |
|
STM32F411CEU6 Datasheet(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CEU6 Datasheet(HTML) 110 Page - STMicroelectronics |
|
110 / 149 page ![]() Electrical characteristics STM32F411xC STM32F411xE 110/149 DocID026289 Rev 6 I2S interface characteristics Unless otherwise specified, the parameters given in Table 61 for the I2S interface are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 14, with the following configuration: • Output speed is set to OSPEEDRy[1:0] = 10 • Capacitive load C = 30 pF • Measurement points are done at CMOS levels: 0.5VDD Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function characteristics (CK, SD, WS). Note: Refer to the I2S section of RM0383 reference manual for more details on the sampling frequency (FS). fMCK, fCK, and DCK values reflect only the digital peripheral behavior. The values of these parameters might be slightly impacted by the source clock precision. DCK depends mainly on the value of ODD bit. The digital contribution leads to a minimum value of (I2SDIV/(2*I2SDIV+ODD) and a maximum value of (I2SDIV+ODD)/(2*I2SDIV+ODD). FS maximum value is supported for each mode/condition. Table 61. I2S dynamic characteristics(1) Symbol Parameter Conditions Min Max Unit fMCK I2S Main clock output - 256x8K 256xFs(2) MHz fCK I2S clock frequency Master data: 32 bits - 64xFs MHz Slave data: 32 bits - 64xFs DCK I2S clock frequency duty cycle Slave receiver 30 70 % tv(WS) WS valid time Master mode 0 7 ns th(WS) WS hold time Master mode 1.5 - tsu(WS) WS setup time Slave mode 1.5 - th(WS) WS hold time Slave mode 3 - tsu(SD_MR) Data input setup time Master receiver 1 - tsu(SD_SR) Slave receiver 2.5 - th(SD_MR) Data input hold time Master receiver 7 - th(SD_SR) Slave receiver 2.5 - tv(SD_ST) Data output valid time Slave transmitter (after enable edge) - 20 tv(SD_MT) Master transmitter (after enable edge) - 6 th(SD_ST) Data output hold time Slave transmitter (after enable edge) 8 - th(SD_MT) Master transmitter (after enable edge) 2 - 1. Guaranteed by characterization results. 2. The maximum value of 256xFs is 50 MHz (APB1 maximum frequency). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |