Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L476VE Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32L476VE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 107Page - STMicroelectronics STM32L476VE Datasheet HTML 108Page - STMicroelectronics STM32L476VE Datasheet HTML 109Page - STMicroelectronics STM32L476VE Datasheet HTML 110Page - STMicroelectronics STM32L476VE Datasheet HTML 111Page - STMicroelectronics STM32L476VE Datasheet HTML 112Page - STMicroelectronics STM32L476VE Datasheet HTML 113Page - STMicroelectronics STM32L476VE Datasheet HTML 114Page - STMicroelectronics STM32L476VE Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 232 page
background image
IDD(Stop 2
with RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI,
LCD disabled
1.8 V
1.42
4.04
15
34.9
77.2
3.1
10
38
87
193
µA
2.4 V
1.5
4.22
15.4
35.7
79.2
3.2
11
39
89
198
3 V
1.64
4.37
15.8
36.7
81.4
3.4
11
40
92
204
3.6 V
1.79
4.65
16.6
38.4
85.4
3.6
12
42
96
214
RTC clocked by LSI,
LCD enabled(3)
1.8 V
1.53
4.07
15.1
35.1
77.4
3.3
10
38
88
194
2.4 V
1.62
4.32
15.5
35.9
79.5
3.4
11
39
90
199
3 V
1.69
4.43
15.9
36.8
81.7
3.5
11
40
92
204
3.6 V
1.86
4.65
16.7
38.5
85.5
3.7
12
42
96
214
RTC clocked by LSE
bypassed at
32768Hz,LCD disabled
1.8 V
1.5
4.13
15.2
35.3
77.6
3.2
10
38
88
194
2.4 V
1.63
4.33
15.6
36
79.6
3.4
11
39
90
199
3 V
1.79
4.55
16.1
37
81.8
3.6
11
40
93
205
3.6 V
2.04
4.9
16.8
38.7
85.6
3.9
12
42
97
214
RTC clocked by LSE
quartz(4)
in low drive mode,
LCD disabled
1.8 V
1.43
3.99
14.7
35
-
3.2
10
37
88
-
2.4 V
1.54
4.11
15
35.8
-
3.3
10
38
90
-
3 V
1.67
4.29
15.5
36.7
-
3.4
11
39
92
-
3.6 V
1.87
4.57
16.2
38.3
-
3.7
11
41
96
-
IDD(wakeup
from Stop2)
Supply current
during wakeup
from Stop 2
mode
Wakeup clock is
MSI = 48 MHz,
voltage Range 1.
See (5).
3 V
1.9
-
-
-
-
-mA
Wakeup clock is
MSI = 4 MHz,
voltage Range 2.
See (5).
3 V
2.24
-
-
-
-
Wakeup clock is
HSI16 = 16 MHz,
voltage Range 1.
See (5).
3 V
2.1
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
Table 34. Current consumption in Stop 2 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com