Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3703CUSNEST Datasheet(PDF) 113 Page - Texas Instruments

Part # AM3703CUSNEST
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703CUSNEST Datasheet(HTML) 113 Page - Texas Instruments

Back Button AM3703CUSNEST Datasheet HTML 109Page - Texas Instruments AM3703CUSNEST Datasheet HTML 110Page - Texas Instruments AM3703CUSNEST Datasheet HTML 111Page - Texas Instruments AM3703CUSNEST Datasheet HTML 112Page - Texas Instruments AM3703CUSNEST Datasheet HTML 113Page - Texas Instruments AM3703CUSNEST Datasheet HTML 114Page - Texas Instruments AM3703CUSNEST Datasheet HTML 115Page - Texas Instruments AM3703CUSNEST Datasheet HTML 116Page - Texas Instruments AM3703CUSNEST Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-25. Power Supplies Signals Description(1) (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
(CBP Pkg.) [4]
(CBP Pkg.) (2)[5]
(CBC Pkg.) [4]
(CBC Pkg.) (2)[5]
(CUS Pkg.) (2) [4]
vss
Ground
AG2 / U2 / B2 /
H2 / B18 / AB5 /
G1/ K1/ R1/ W1/ B2/
C1/ F1/ H2/ M2/ R2/
V16/ V15/ U16/
AG3 / W3 / P3 /
AB14 / AB20 / P2 /
H4/ N4/ R4/ W4/ AB5/
Y6/AA7/ Y11/ AA16/
U15/ U14/ U11/
J3 / E3 / A3 / P4
F22 / E2 / C22 / B4 /
A6/ D7/ Y7/AE7/ A8/
W20/P20/ L21/ H20/
U9/T16/ T15/ T14/
/ E4 / AG6 / D7 /
B7 / B10 / B15
G8/ D10/ G10/ L10/
F20/ B14/A13/ A7
T13/ T12/ T11/ T10/
C7 / V9 / U9 / P9
N10/ Y10/ AC10/
T9/ R15/ R14/ R11/
/ N9 / K9 / W10 /
C12/ D12/A13/ D14/
R10/ P17/ P15/ P14/
V10 / P10 / K10 /
AD14/ K15/ Y16/ L17/
P13/P12/ P11/ P10/
D10 / C10 /
N17/ R17/ D18/
P8/ N16/ N15/ N14/
AF12 / AE12 /
D20/G20/ E22/ AB22/
N13/ N12/ N11/
Y12 / K12 / J12 /
G23/ L23/ T23/ W23/
N10/ N9/ M16/ M13/
Y13 / W13 / J13 /
B25/ K25/U25/ AD25 /
M11/ M10/ M9/ L17/
D13 / C13 / W14
Y26
L13/ L10/ L8/ K15/
/ K16 / J16 / W17
K14/ K11/ K10/ J16/
/ K17 / J17 / W19
J15/ J14/ J13/ J12/
/ V19 / R19 / P19
J11/H16/ H14/ H11
/ L19 / K19 / D19
/ C19 / AF20 /
AE20 / T20 / R20
/ M20 / L20 / D21
/ C22 / AC25 /
Y25 / W25 /
AC26 / R26 / L26
/ A26 / G27 / B27
vdds_sram
SRAM LDOs
W16
NA
U12
NA
AA12
vdds_mmc1
Input power for
K25
NA
N23
NA
N24
MMC1 dual voltage
buffers
vdds_x
Power supply for
P25
NA
P23
NA
H8
dual voltage GPIOs
vss
Ground
M28
NA
L19
NA
NA
vdds
IO power plane
AG20
NA
AD18
NA
NA
vss
Ground
AG16
NA
AC16
NA
NA
vdds
IO power plane
H28
NA
L20
NA
NA
cap_vdd_sram_mpu_i
Decoupling
V4
NA
N9
NA
U8
va
capacitor for SRAM
in processor
domains
cap_vdd_sram_core
Decoupling
L21
NA
K20
NA
H17
capacitor for CORE
domain (SRAM)
vdds
IO power plane
AG21
NA
AD19
NA
NA
cap_vddu_array
Decoupling
AH20
NA
AE19
NA
N20
capacitor for
WKUP/EMU
domains (array)
vss
Ground
AH21
NA
AC19
NA
NA
cap_vdd_bb_mpu_iva
Decoupling
U4
NA
D6
NA
N21
capacitor for
processor domains
(bb)
sys_xtalgnd
Kelvin ground
Y17
NA
AF23
NA
W15
(1) NA in this table stands for "Not applicable".
(2) For a list of pins not supported on a particular package, see Table 2-4.
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
113
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com