Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3703CUSNEST Datasheet(PDF) 119 Page - Texas Instruments

Part # AM3703CUSNEST
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703CUSNEST Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM3703CUSNEST Datasheet HTML 115Page - Texas Instruments AM3703CUSNEST Datasheet HTML 116Page - Texas Instruments AM3703CUSNEST Datasheet HTML 117Page - Texas Instruments AM3703CUSNEST Datasheet HTML 118Page - Texas Instruments AM3703CUSNEST Datasheet HTML 119Page - Texas Instruments AM3703CUSNEST Datasheet HTML 120Page - Texas Instruments AM3703CUSNEST Datasheet HTML 121Page - Texas Instruments AM3703CUSNEST Datasheet HTML 122Page - Texas Instruments AM3703CUSNEST Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
3.2
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 3-4. The POH
information in Table 3-3 is provided solely for your convenience and does not extend or modify the
warranty provided under TI
’s standard terms and conditions for TI semiconductor products.
Table 3-3. Reliability Data
JUNCTION TEMP
TOTAL DEVICE LIFETIME
≥OPP130 MAX TIME
OPP1G MAX TIME
@105C
89K POH
Not available
Not available
@90C
100K POH
45K
25K(1)
@75C
>100K POH
100K POH
75K
(1) If device is only operated at OPP1G, then POH can be extended to 35K POH.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 3-4. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
vdd_mpu_iva
Supply voltage range for ARM
See(1)
V
Maximum Noise (peak-peak)
40
mVPP
vdd_core
Supply voltage range for core domain
See(1)
V
Maximum Noise (peak-peak)
40
mVPP
vdds
Supply voltage for 1.8-V I/O macros
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
Oscillator IO (Crystal or
40
mVPP
Square modes)
Others
90
vdds_mem
Supply voltage for memory buffers
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
90
mVPP
vdds_mmc1
Supply voltage range for mmc1
1.8-V mode
1.71
1.80
1.91
V
dual voltage IOs
3.0-V mode
2.70
3.00 to 3.30
3.60
Noise (peak-peak)
1.8-V mode
90
mVPP
3.0-V mode
150
vdds_x
Supply voltage range for x dual
1.8-V mode
1.71
1.80
1.91
V
voltage IOs
3.0-V mode
2.70
3.00
3.60
Maximum Noise (peak-peak)
1.8-V mode
90
mVPP
3.0-V mode
150
vdda_wkup_bg_ Supply voltage range for wake-up LDO
1.71
1.80
1.91
V
bb
Maximum Noise (peak-peak)
50
mVPP
vdda_dac
Analog supply voltage for Video DAC
1.71
1.80
1.91
V
Maximum Noise (peak-peak) for a frequency from 0 to 100
30
mVPP
kHz
(For a frequency
> 100 kHz, decreases 20 dB/dec)
vdds_sram
Supply voltage for SRAM LDOs
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
50
mVPP
vdda_dplls_dll
Supply voltage for MPU, core DPLLs and DLL
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
30
mVPP
For any frequency
Copyright
© 2010–2011, Texas Instruments Incorporated
Electrical Characteristics
119
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com