| Electronic Components Datasheet Search |
|
OMAP3530ECBBLPD Datasheet(PDF) 104 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBLPD Datasheet(HTML) 104 Page - Texas Instruments |
|
104 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-17. Serial Communication Interfaces – USB Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(1 BALL BOTTOM BALL BOTTOM BALL BOTTOM ) (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) mm3_rxdp Vplus receive data (not used in 3- or 4-pin configurations) IO AH3 M3 NA(2) mm3_rxrcv Differential receiver signal input (not used in 3-pin mode) IO AD1 U4 NA mm3_txse0 Single-ended zero. Used as VM in 4-pin VP_VM mode. IO AE1 V3 NA mm3_txdat USB data. Used as VP in 4-pin VP_VM mode. IO AD2 R3 NA mm3_txen_n Transmit enable IO AC1 T3 NA MM_FSUSB2 mm2_rxdm Vminus receive data (not used in 3- or 4-pin configurations) IO AH7 AF7 AD11 mm2_rxdp Vplus receive data (not used in 3- or 4-pin configurations) IO AF7 AF6 AC9 mm2_rxrcv Differential receiver signal input (not used in 3-pin mode) IO AG8 AF9 AC11 mm2_txse0 Single-ended zero. Used as VM in 4-pin VP_VM mode. IO AH8 AE9 AD12 mm2_txdat USB data. Used as VP in 4-pin VP_VM mode. IO AB2 T8 R5 mm2_txen_n Transmit enable IO V3 V9 M4 MM_FSUSB1 mm1_rxdm Vminus receive data (not used in 3- or 4-pin configurations) IO AG9 V2 AD5 mm1_rxdp Vplus receive data (not used in 3- or 4-pin configurations) IO AF10 AB2 AC1 mm1_rxrcv Differential receiver signal input (not used in 3-pin mode) IO AF11 AC3 AD6 mm1_txse0 Single-ended zero. Used as VM in 4-pin VP_VM mode. IO AG12 AD4 AC6 mm1_txdat USB data. Used as VP in 4-pin VP_VM mode. IO AH12 AD3 AC7 mm1_txen_n Transmit enable IO AH14 AD2 AD9 HSUSB3_TLL hsusb3_tll_clk Dedicated for external transceiver 60-MHz clock input to PHY O W8 W2 NA hsusb3_tll_stp Dedicated for external transceiver Stop signal I AH3 M3 NA hsusb3_tll_dir dedicated for external transceiver Data direction control from O AF3 L3 NA PHY hsusb3_tll_nxt Dedicated for external transceiver Next signal from PHY O AE3 K3 NA hsusb3_tll_data0 Dedicated for external transceiver Bidirectional data bus IO AD1 U4 NA hsusb3_tll_data1 Dedicated for external transceiver Bidirectional data bus IO AE1 V3 NA hsusb3_tll_data2 Dedicated for external transceiver Bidirectional data bus IO AD2 R3 NA hsusb3_tll_data3 Dedicated for external transceiver Bidirectional data bus IO AC1 T3 NA hsusb3_tll_data4 Dedicated for external transceiver Bidirectional data bus IO AF6 P3 NA hsusb3_tll_data5 Dedicated for external transceiver Bidirectional data bus IO AE6 N3 NA hsusb3_tll_data6 Dedicated for external transceiver Bidirectional data bus IO AF5 V3 NA hsusb3_tll_data7 Dedicated for external transceiver Bidirectional data bus IO AE5 W3 NA HSUSB2 hsusb2_clk Dedicated for external transceiver 60-MHz clock input to PHY O AE7 AE4 AC3 hsusb2_stp Dedicated for external transceiver Stop signal O AF7 AF6 AC9 hsusb2_dir Dedicated for external transceiver Data direction control from I AG7 AE6 AC10 PHY hsusb2_nxt Dedicated for external transceiver Next signal from PHY I AH7 AF7 AD11 hsusb2_data0 Dedicated for external transceiver Bidirectional data bus IO AG8 AF9 AC11 hsusb2_data1 Dedicated for external transceiver Bidirectional data bus IO AH8 AE9 AD12 hsusb2_data2 Dedicated for external transceiver Bidirectional data bus IO AB2 T8 R5 hsusb2_data3 Dedicated for external transceiver Bidirectional data bus IO V3 V9 M4 hsusb2_data4 Dedicated for external transceiver Bidirectional data bus IO Y2 W8 N4 additional signals for 12-pin ULPI operation hsusb2_data5 Dedicated for external transceiver Bidirectional data bus IO Y3 U8 N3 additional signals for 12-pin ULPI operation hsusb2_data6 Dedicated for external transceiver Bidirectional data bus IO Y4 V8 M5 additional signals for 12-pin ULPI operation hsusb2_data7 Dedicated for external transceiver Bidirectional data bus IO AA3 W7 N5 additional signals for 12-pin ULPI operation HSUSB2_TLL hsusb2_tll_clk Dedicated for external transceiver 60-MHz clock input to PHY O AE7 AE4 AC3 104 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |