| Electronic Components Datasheet Search |
|
OMAP3530ECUS72 Datasheet(PDF) 105 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Datasheet(HTML) 105 Page - Texas Instruments |
|
105 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-17. Serial Communication Interfaces – USB Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(1 BALL BOTTOM BALL BOTTOM BALL BOTTOM ) (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) hsusb2_tll_stp Dedicated for external transceiver Stop signal I AF7 AF6 AC9 hsusb2_tll_dir Dedicated for external transceiver data direction control from O AG7 AE6 AC10 PHY hsusb2_tll_nxt Dedicated for external transceiver Next signal from PHY O AH7 AF7 AD11 hsusb2_tll_data0 Dedicated for external transceiver Bidirectional data bus IO AG8 AF9 AC11 hsusb2_tll_data1 Dedicated for external transceiver Bidirectional data bus IO AH8 AE9 AD12 hsusb2_tll_data2 Dedicated for external transceiver Bidirectional data bus IO AB2 T8 R5 hsusb2_tll_data3 Dedicated for external transceiver Bidirectional data bus IO V3 V9 M4 hsusb2_tll_data4 Dedicated for external transceiver Bidirectional data bus IO Y2 W8 N4 additional signals for 12-pin ULPI operation hsusb2_tll_data5 Dedicated for external transceiver Bidirectional data bus IO Y3 U8 N3 additional signals for 12-pin ULPI operation hsusb2_tll_data6 Dedicated for external transceiver Bidirectional data bus IO Y4 V8 M5 additional signals for 12-pin ULPI operation hsusb2_tll_data7 Dedicated for external transceiver Bidirectional data bus IO AA3 W7 N5 additional signals for 12-pin ULPI operation HSUSB1 hsusb1_clk Dedicated for external transceiver 60-MHz clock input to PHY O AE10 AB3 AD3 hsusb1_stp Dedicated for external transceiver Stop signal O AF10 AB2 AC1 hsusb1_dir Dedicated for external transceiver data direction control from I AF9 AA4 AC4 PHY hsusb1_nxt Dedicated for external transceiver Next signal from PHY I AG9 V2 AD5 hsusb1_data0 Dedicated for external transceiver Bidirectional data bus IO AF11 AC3 AD6 hsusb1_data1 Dedicated for external transceiver Bidirectional data bus IO AG12 AD4 AC6 hsusb1_data2 Dedicated for external transceiver Bidirectional data bus IO AH12 AD3 AC7 hsusb1_data3 Dedicated for external transceiver Bidirectional data bus IO AH14 AD2 AD9 hsusb1_data4 Dedicated for external transceiver Bidirectional data bus IO AE11 Y3 AC5 additional signals for 12-pin ULPI operation hsusb1_data5 Dedicated for external transceiver Bidirectional data bus IO AH9 AB1 AD2 additional signals for 12-pin ULPI operation hsusb1_data6 Dedicated for external transceiver Bidirectional data bus IO AF13 AE3 AC8 additional signals for 12-pin ULPI operation hsusb1_data7 Dedicated for external transceiver Bidirectional data bus IO AE13 AA3 AD8 additional signals for 12-pin ULPI operation HSUSB1_TLL hsusb1_tll_clk Dedicated for external transceiver 60-MHz clock input to PHY O AE10 AB3 AD3 hsusb1_tll_stp Dedicated for external transceiver Stop signal I AF10 AB2 AC1 hsusb1_tll_dir Dedicated for external transceiver data direction control from O AF9 AA4 AC4 PHY hsusb1_tll_nxt Dedicated for external transceiver Next signal from PHY O AG9 V2 AD5 hsusb1_tll_data0 Dedicated for external transceiver Bidirectional data bus IO AF11 AC3 AD6 hsusb1_tll_data1 Dedicated for external transceiver Bidirectional data bus IO AG12 AD4 AC6 hsusb1_tll_data2 Dedicated for external transceiver Bidirectional data bus IO AH12 AD3 AC7 hsusb1_tll_data3 Dedicated for external transceiver Bidirectional data bus IO AH14 AD2 AD9 hsusb1_tll_data4 Dedicated for external transceiver Bidirectional data bus IO AE11 Y3 AC5 additional signals for 12-pin ULPI operation hsusb1_tll_data5 Dedicated for external transceiver Bidirectional data bus IO AH9 AB1 AD2 additional signals for 12-pin ULPI operation hsusb1_tll_data6 Dedicated for external transceiver Bidirectional data bus IO AF13 AE3 AC8 additional signals for 12-pin ULPI operation hsusb1_tll_data7 Dedicated for external transceiver Bidirectional data bus IO AE13 AA3 AD8 additional signals for 12-pin ULPI operation Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 105 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |