Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM3240G-JAVA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM3240G-JAVA
Description  STM32 F4 series Java evaluation kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3240G-JAVA Datasheet(HTML) 1 Page - STMicroelectronics

  STM3240G-JAVA Datasheet HTML 1Page - STMicroelectronics STM3240G-JAVA Datasheet HTML 2Page - STMicroelectronics STM3240G-JAVA Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
January 2013
Doc ID 024041 Rev 2
1/3
3
STM3240G-JAVA
STM32 F4 series Java evaluation kit
Data brief
Features
The STM32Java software development kit (SDK)
features one or more Java Platforms (JPF) for
STM32 MCUs.
Each JPF provides an abstraction of a number of
features of the STM32 microcontrollers and of the
components available on the STM32 boards.
The following components and peripherals are
supported by the JPFs:
– 3.2" 240x320 TFT color LCD including the
touch screen capability with MicroUI™ for
rich HMI applications and Micro Widget
Toolkit, MWT for enhanced widgets
– Ethernet with an integrated TCP/IP stack
and the sockets interface
– RS-232 USART communication
– Joystick with 4-direction control and
selector wakeup, tamper and user buttons
–4 color LEDs
– Embedded ST-LINK/V2 for development
purposes
– SNI (Simple Native Interface) and SP
(Shielded Plug) to interface Java and C
world
– Hardware floating point support
Description
The STM3240G-JAVA kit is a complete platform
to evaluate the development of embedded
applications in Java for the STM32 F4 series
microcontrollers.
The kit is composed of the STM3240G-EVAL
evaluation board and a DVD ROM which contains
an evaluation version of the STM32Java software
development kit based on MicroEJ®.
MicroEJ® is based on the Eclipse™ IDE and
provides extended features for using Java in
embedded systems to design and deploy
embedded Java applications, simulate embedded
Java applications on PCs and perform automated
tests.
The main limitations of the evaluation version are
3 months of use from the first launch and 1 hour
of runtime.
A Java demo is programmed in the
STM32F407IGH6 microcontroller on the
evaluation board.
For more information, visit www.stm32java.com.
Figure 1.
STM32Java workbench
www.st.com


Similar Part No. - STM3240G-JAVA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
   STM3240G-EVAL evaluation board
STM3240G-SK STMICROELECTRONICS-STM3240G-SK Datasheet
201Kb / 3P
   IAR??starter kit for STM32F4 series 32-bit microcontrollers
More results

Similar Description - STM3240G-JAVA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3220G-JAVA STMICROELECTRONICS-STM3220G-JAVA Datasheet
188Kb / 3P
   STM32 F2 series Java evaluation kit
January 2013 Rev 4
STM3242I-SK STMICROELECTRONICS-STM3242I-SK Datasheet
173Kb / 3P
   IAR??starter kit for STM32 F4 series - with STM32F429II MCU
November 2013 Rev 1
logo
Linx Technologies
EVM-GPS-F4 LINX-EVM-GPS-F4 Datasheet
937Kb / 7P
   F4 Series Evaluation Module
2016
logo
STMicroelectronics
STM32F3DISCOVERY STMICROELECTRONICS-STM32F3DISCOVERY Datasheet
216Kb / 3P
   STM32 F3 series discovery kit
STM32-JAVA STMICROELECTRONICS-STM32-JAVA Datasheet
84Kb / 3P
   Fully-integrated Java development environment and solution for STM32 MCUs
July 2014 Rev 4
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com