Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1+T+G Datasheet(PDF) 9 Page - Quantum Research Group

Part # QT1+T+G
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1+T+G Datasheet(HTML) 9 Page - Quantum Research Group

Back Button QT1+T+G Datasheet HTML 5Page - Quantum Research Group QT1+T+G Datasheet HTML 6Page - Quantum Research Group QT1+T+G Datasheet HTML 7Page - Quantum Research Group QT1+T+G Datasheet HTML 8Page - Quantum Research Group QT1+T+G Datasheet HTML 9Page - Quantum Research Group QT1+T+G Datasheet HTML 10Page - Quantum Research Group QT1+T+G Datasheet HTML 11Page - Quantum Research Group QT1+T+G Datasheet HTML 12Page - Quantum Research Group QT1+T+G Datasheet HTML 13Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
4.1 ABSOLUTE MAXIMUM SPECIFICATIONS
Operating temp.............................................................. as designated by suffix
Storage temp..................................................................... -55OC to +125OC
VDD................................................................................. -0.5 to +6.5V
Max continuous pin current, any control or drive pin.............................................. ±20mA
Short circuit duration to ground, any pin........................................................ infinite
Short circuit duration to VDD, any pin........................................................... infinite
Voltage forced onto any pin.................................................. -0.6V to (Vdd + 0.6) Volts
4.2 RECOMMENDED OPERATING CONDITIONS
VDD................................................................................. +2.5 to 5.0V
Short-term supply ripple+noise................................................................ ±5mV
Long-term supply stability.................................................................. ±100mV
Cs value........................................................................... 10nF to 500nF
Cx value.............................................................................. 0 to 100pF
Rs value................................................................................. 470K
4.3 AC SPECIFICATIONS
Vdd = 3.0, Cs = 10nF, Rs = 470K, Cx = 10pF, Gain = High, Ta = 20OC, unless otherwise noted.
kHz
165
Burst frequency
FQ
µs
300
Heartbeat pulse width
THB
ms
75
Pulse output width on Out
TPO
ms
75
Piezo drive duration
TP
kHz
4.4
4
3.6
Piezo drive frequency
FP
ms
129
Response time
TR
Depends on Cs, Cx
ms
50
0.5
Burst length
TBL
@ 5.0V Vdd
@ 3.3V Vdd
ms
ms
75
95
Burst spacing interval
TBS
µs
2
Charge, transfer duration
TQ
ms
550
Recalibration time
TRC
Notes
Units
Max
Typ
Min
Description
Parameter
4.4 SIGNAL PROCESSING
Vdd = 3.0, Cs = 10nF, Rs = 470K, Cx = 10pF, Gain = High, Ta = 20OC, unless otherwise noted.
3, 4
secs
60
10
Post-detection recalibration timer duration (typical min/max)
4
ms/level
75
Negative drift compensation rate
4
ms/level
750
Positive drift compensation rate
samples
4
Detect integrator filter length
2
%
17
Hysteresis
1
counts
6, 12, or 24
Threshold differential
Notes
Units
Max
Typ
Min
Description
Note 1: Pin options
Note 2: Percentage of signal threshold
Note 3: Pin option
Note 4: Cs, Cx dependent
lq
9
QT118H R1.08 / 0405


Similar Part No. - QT1+T+G

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1+10G QUANTUM-QT1+10G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+IG QUANTUM-QT1+IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1+T+G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com