Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1+T+G Datasheet(PDF) 11 Page - Quantum Research Group

Part # QT1+T+G
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1+T+G Datasheet(HTML) 11 Page - Quantum Research Group

Back Button QT1+T+G Datasheet HTML 6Page - Quantum Research Group QT1+T+G Datasheet HTML 7Page - Quantum Research Group QT1+T+G Datasheet HTML 8Page - Quantum Research Group QT1+T+G Datasheet HTML 9Page - Quantum Research Group QT1+T+G Datasheet HTML 10Page - Quantum Research Group QT1+T+G Datasheet HTML 11Page - Quantum Research Group QT1+T+G Datasheet HTML 12Page - Quantum Research Group QT1+T+G Datasheet HTML 13Page - Quantum Research Group QT1+T+G Datasheet HTML 14Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
4.6 MECHANICAL
0.015
0.008
0.381
0.203
Y
0.39
0.32
9.906
8.128
x
BSC
0.3
0.3
BSC
7.062
7.62
Aa
0.16
-
4.064
-
S1
0.14
0.12
3.556
3.048
S
-
0.015
-
0.381
r
0.15
0.12
3.81
3.048
R
Typical
0.102
0.098
Typical
2.591
2.489
F
0.065
0.055
1.651
1.397
L1
0.022
0.014
0.559
0.355
L
-
0.01
-
0.254
P
-
0.035
-
0.889
Q
BSC
0.3
0.3
BSC
7.62
7.62
m
Typical
0.43
0.355
Typical
10.922
9.017
M
0.325
0.3
8.255
7.62
A
0.28
0.24
7.112
6.096
a
Notes
Max
Min
Notes
Max
Min
Inches
Millimeters
SYMBOL
Package type: 8pin Dual-In-Line
Ø
0.03
0.229
0.762
0.381
ß
0.01
0.007
0.249
0.19
e
0.04
0.02
1.016
0.508
E
0.019
0.014
0.483
0.355
L
BSC
0.05
0.050
BSC
1.27
1.27
D
0.01
0.004
0.762
0.101
h
0.068
0.054
1.728
1.371
H
0.157
0.15
3.988
3.81
Aa
0.244
0.229
6.198
5.816
W
0.196
0.189
4.979
4.800
M
Notes
Max
Min
Notes
Max
Min
Inches
Millimeters
SYMBOL
Package type: 8pin SOIC
5 - ORDERING INFORMATION
QT1 + T + G
or QT118H-IG
SO-8
Pb-Free
-40 - 85C
QT118H-ISG
QT118H-G
PDIP
Pb-Free
0 - 70C
QT118H-D
MARKING
PACKAGE
TEMP RANGE
PART
lq
11
QT118H R1.08 / 0405


Similar Part No. - QT1+T+G

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1+10G QUANTUM-QT1+10G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+IG QUANTUM-QT1+IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1+T+G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com