Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87307 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 121Page - National Semiconductor (TI) PC87307 Datasheet HTML 122Page - National Semiconductor (TI) PC87307 Datasheet HTML 123Page - National Semiconductor (TI) PC87307 Datasheet HTML 124Page - National Semiconductor (TI) PC87307 Datasheet HTML 125Page - National Semiconductor (TI) PC87307 Datasheet HTML 126Page - National Semiconductor (TI) PC87307 Datasheet HTML 127Page - National Semiconductor (TI) PC87307 Datasheet HTML 128Page - National Semiconductor (TI) PC87307 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 218 page
background image
125
Parallel Port (Logical Device 4)
www.national.com
Bit 3 - ECP DMA Enable
0 - The DMA request signal (DRQ3-0) is set to TRI-
STATE and the appropriate acknowledge signal
(DACK3-0) is assumed inactive.
1 - The DMA is enabled and the DMA starts when bit 2
of ECR is 0.
Bit 4 - ECP Interrupt Mask
0 - An interrupt is generated on ERR assertion (the
high-to-low edge of ERR). An interrupt is also gen-
erated while ERR is asserted when this bit is
changed from 1 to 0; this prevents the loss of an in-
terrupt between ECR read and ECR write.
1 - No interrupt is generated.
Bits 7-5 - ECP Mode Control
These bits set the mode for the ECP device. See Sec-
tion 6.6 for a more detailed description of operation in
each of these ECP modes. The ECP modes are listed in
Table 6-9 and described in detail in Table 6-11.
TABLE 6-9. ECP Modes Encoding
ECR Bit Encoding
Mode Name
Bit 7
Bit 6
Bit 5
0
0
0
Standard
0
0
1
PS/2
0
1
0
Parallel Port FIFO
0
1
1
ECP FIFO
1
0
0
EPP Mode
1
1
0
FIFO Test
1
1
1
Configuration
6.5.13
ECP Extended Index Register (EIR),
Offset 403h
The parallel port is partially configured by bits within the log-
ical device address space. These configuration bits are ac-
cessed via this read/write register and the Extended Data
Register (EDR) (see Section 6.5.14), when bit 4 of the Su-
perI/O Parallel Port Configuration register at index F0h of
logical device 4 is set to 1. See Section 2.7.1 on page 37.
The configuration bits within the parallel port address space
are initialized to their default values on reset, and not when
the parallel port is activated.
FIGURE 6-27. EIR Register Bitmap
Bits 2-0 - Second Level Offset
Data written to these bits is used as a second level off-
set for accesses to a specific control register. Second
level offsets of 00h, 02h, 04h and 05h are supported. At-
tempts to access registers at any other offset have no
effect.
TABLE 6-10. Second Level Offsets
000 - Access the Control0 register.
010 - Access the Control2 register.
100 - Access the Control4 register.
101 - Access the PP Confg0 register.
Bits 7-3 - Reserved
These bits are treated as 0 for offset calculations. Writ-
ing any other value to them has no effect.
These bits are read only. They return 00000 on reads
and must be written as 00000.
Second Level
Offset
Control
Register Name
Described in
Section
00h
Control0
6.5.16 on page 126
02h
Control2
6.5.17 on page 126
04h
Control4
6.5.18 on page 127
05h
PP Confg0
6.5.19 on page 127
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Index
Register (EIR)
Offset 403h
Second Level Offset
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com