Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87307 Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 155Page - National Semiconductor (TI) PC87307 Datasheet HTML 156Page - National Semiconductor (TI) PC87307 Datasheet HTML 157Page - National Semiconductor (TI) PC87307 Datasheet HTML 158Page - National Semiconductor (TI) PC87307 Datasheet HTML 159Page - National Semiconductor (TI) PC87307 Datasheet HTML 160Page - National Semiconductor (TI) PC87307 Datasheet HTML 161Page - National Semiconductor (TI) PC87307 Datasheet HTML 162Page - National Semiconductor (TI) PC87307 Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 218 page
background image
159
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
7.16 BANK 6 – INFRARED PHYSICAL LAYER
CONFIGURATION REGISTERS
This Bank of registers controls aspects of the framing and
timing of the infrared modes.
TABLE 7-23. Bank 6 Register Set
7.16.1
Infrared Control Register 3 (IRCR3), Bank 6,
Offset 00h
This Register enables/disables modulation in Sharp-IR
mode.
Upon reset, the content of this register is 20h.
FIGURE 7-33. IRCR3 Register Bitmap
Bit 0-5 - Reserved
Read/Write 0.
Bit 6 - Sharp-IR Modulation Disable (SHMD_DS)
0 - Enables internal 500KHz transmitter modulation.
(Default)
1 - Disables internal modulation.
Bit 7 - Sharp-IR Demodulation Disable (SHDM_DS)
0 - Enables internal 500 KHz receiver demodulation.
(Default)
1 - Disables internal demodulation.
7.16.2
Reserved Register, Bank 6, Offset 01h
This register is reserved.
Offset
Register
Name
Description
00h
IRCR3
Infrared Control Register 3
01h
Reserved
02h
SIR_PW
SIR Pulse Width Control
(
≤ 115 Kbps)
03h
LCR/ BSR
Link Control Register/
Bank Select Register
04h - 07h
Reserved
76543210
Reset
Required
0
0
0
0
0
1
0
0
0
0
0
0
0
0
Register 3
(IRCR3)
Bank 6,
Infrared Control
SHMD_DS
SHDM_DS
Offset 00h
Reserved
7.16.3
SIR Pulse Width Register (SIR_PW), Bank 6,
Offset 02h
This register sets the pulse width for transmitted pulses in
SIR operation mode. These setting do not affect the receiv-
er. Upon reset, the content of this register is 00h, which de-
faults to a pulse width of 3/16 of the baud rate.
FIGURE 7-34. SIR_PW Register Bitmap
Bits 3-0 - SIR Pulse Width Register (SPW)
Two codes for setting the pulse width are available. All
other values for this field are reserved.
0000 - Pulse width is 3/16 of the bit period. (Default)
1101 - Pulse width is 1.6
µsec.
Bits 7-4 - Reserved
Read/Write 0’s.
7.16.4
Link Control Register (LCR) and Bank Select
Register (BSR), Bank 6, Offset 03h
These registers are the same as the registers at offset 03h
in Bank 0.
7.16.5
Reserved Registers, Bank 6, Offsets 04h-07h
These registers are reserved.
7.17 BANK 7 – CONSUMER-IR AND OPTICAL
TRANSCEIVER CONFIGURATION REGISTERS
Bank 7 contains the registers that configure Consumer-IR
functions and infrared transceiver controls. See Table 7-24.
TABLE 7-24. Bank 7 Register Set
Offset
Register
Name
Description
00h
IRRXDC
Infrared Receiver Demodulator
Control Register
01h
IRTXMC
Infrared Transmitter Modulator
Control Register
02h
RCCFG Consumer-IR Configuration Reg-
ister
03h
LCR/BSR
Link Control Register/
Bank Select Register
04h
IRCFG1
Infrared Interface Configuration
Register 1
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Register
(SIR_PW)
Bank 6,
SIR Pulse Width
SPW(3-0)
Offset 02h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com