Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM351-RTR Datasheet(PDF) 130 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 130 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 126Page - Silicon Laboratories EM351-RTR Datasheet HTML 127Page - Silicon Laboratories EM351-RTR Datasheet HTML 128Page - Silicon Laboratories EM351-RTR Datasheet HTML 129Page - Silicon Laboratories EM351-RTR Datasheet HTML 130Page - Silicon Laboratories EM351-RTR Datasheet HTML 131Page - Silicon Laboratories EM351-RTR Datasheet HTML 132Page - Silicon Laboratories EM351-RTR Datasheet HTML 133Page - Silicon Laboratories EM351-RTR Datasheet HTML 134Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 241 page
background image
Rev 1.3
130
Figure 9.21. Output Compare Mode, Toggle on OC1
9.3.9. PWM Mode
Pulse width modulation mode allows you to generate a signal with a frequency determined by the value of the
TIMx_ARR register, and a duty cycle determined by the value of the TIMx_CCRy register.
PWM mode can be selected independently on each channel (one PWM per OCy output) by writing 110 (PWM
mode 1) or 111 (PWM mode 2) in the TIM_OCyM bits in the TIMx_CCMR1 register. The corresponding buffer
register must be enabled by setting the TIM_OCyBE bit in the TIMx_CCMR1 register. Finally, in up-counting or
center-aligned mode the auto-reload buffer register must be enabled by setting the TIM_ARBE bit in the TIMx_CR1
register.
Because the buffer registers are only transferred to the shadow registers when a UEV occurs, before starting the
counter initialize all the registers by setting the TIM_UG bit in the TIMx_EGR register.
OCy polarity is software programmable using the TIM_CCyP bit in the TIMx_CCER register. It can be programmed
as active high or active low. OCy output is enabled by the TIM_CCyE bit in the TIMx_CCER register. Refer to the
TIMx_CCER register description in "9.5. Registers" on page 145 for more details.
In PWM mode (1 or 2), TIMx_CNT and TIMx_CCRy are always compared to determine whether TIMx_CCRy ?
TIMx_CNT or TIMx_CNT ? TIMx_CCRy, depending on the direction of the counter. The OCyREF signal is asserted
only:

When the result of the comparison changes, or

When the output compare mode (TIM_OCyM bits in the TIMx_CCMR1 register) switches from the "frozen"
configuration (no comparison, TIM_OCyM = 000) to one of the PWM modes (TIM_OCyM = 110 or 111).
This allows software to force a PWM output to a particular state while the timer is running.
The timer is able to generate PWM in edge-aligned mode or center-aligned mode depending on the TIM_CMS bits
in the TIMx_CR1 register.
9.3.9.1. PWM Edge-Aligned Mode: Up-Counting Configuration
Up-counting is active when the TIM_DIR bit in the TIMx_CR1 register is low. Refer to "9.3.2.1. Up-Counting Mode"
on page 117.
The following example uses PWM mode 1. The reference PWM signal OCyREF is high as long as TIMx_CNT <
TIMx_CCRy, otherwise it becomes low. If the compare value in TIMx_CCRy is greater than the auto-reload value in
TIMx_ARR, then OCyREF is held at 1. If the compare value is 0, then OCyREF is held at 0. Figure 9.22 shows
some edge-aligned PWM waveforms in an example, where TIMx_ARR = 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com