Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM351-RTR Datasheet(PDF) 174 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 174 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 170Page - Silicon Laboratories EM351-RTR Datasheet HTML 171Page - Silicon Laboratories EM351-RTR Datasheet HTML 172Page - Silicon Laboratories EM351-RTR Datasheet HTML 173Page - Silicon Laboratories EM351-RTR Datasheet HTML 174Page - Silicon Laboratories EM351-RTR Datasheet HTML 175Page - Silicon Laboratories EM351-RTR Datasheet HTML 176Page - Silicon Laboratories EM351-RTR Datasheet HTML 177Page - Silicon Laboratories EM351-RTR Datasheet HTML 178Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 241 page
background image
Rev 1.3
174
10.1.3. Offset/Gain Correction
When a conversion is complete, the 16-bit converted data is processed in several steps by offset/gain correction
hardware:
1. The initial signed ADC conversion result is added to the 16-bit signed (two's complement) value of the ADC
offset register (ADC_OFFSET).
2. The offset-corrected data is multiplied by the 16-bit ADC gain register, ADC_GAIN, to produce a 16-bit
signed result. If the product is greater than 0x7FFF (32767), or less than 0x8000 (–32768), it is limited to
that value and the INT_ADCSAT bit is set in the INT_ADCFLAG register.
3. The offset/gain corrected value is divided by two to produce the final result.
ADC_GAIN is an unsigned scaled 16-bit value: ADC_GAIN[15] is the integer part of the gain factor and
ADC_GAIN[14:0] is the fractional part. As a result, ADC_GAIN values can represent gain factors from 0 through (2
- 2-15). Although ADC_GAIN can represent a much greater range, its purpose is to correct small gain error, and in
practice is loaded with values within a range of about 0.95 to 1.05.
Reset initializes the offset to zero (ADC_OFFSET = 0) and gain factor to one (ADC_GAIN = 0x8000).
10.1.4. DMA
The ADC DMA channel writes converted data, which incorporates the offset/gain correction, into a DMA buffer in
RAM.
The ADC DMA buffer is defined by two registers:

ADC_DMABEG is the start address of the buffer and must be even.

ADC_DMASIZE specifies the size of the buffer in 16-bit samples, or half its length in bytes.
To prepare the DMA channel for operation, reset it by writing the ADC_DMARST bit in the ADC_DMACFG register,
then start the DMA in either linear or auto wrap mode by setting the ADC_DMALOAD bit in the ADC_DMACFG
register. The ADC_DMAAUTOWRAP bit in the ADC_DMACFG register selects the DMA mode: 0 for linear mode,
1 for auto wrap mode.

In linear mode the DMA writes to the buffer until the number of samples given by ADC_DMASIZE has been
output. The DMA then stops and sets the INT_ADCULDFULL bit in the INT_ADCFLAG register. If another
ADC conversion completes before the DMA is reset or the ADC is disabled, the INT_ADCOVF bit in the
INT_ADCFLAG register is set.

In auto wrap mode the DMA writes to the buffer until it reaches the end, then resets its pointer to the start
of the buffer and continues writing samples. The DMA transfers continue until the ADC is disabled or the
DMA is reset.
When the DMA fills the lower and upper halves of the buffer, it sets the INT_ADCULDHALF and
INT_ADCULDFULL bits, respectively, in the INT_ADCFLAG register. The current location to which the DMA is
writing can also be determined by reading the ADC_DMACUR register.
10.1.5. ADC Configuration Register
The ADC configuration register (ADC_CFG) sets up most of the ADC operating parameters.
10.1.5.1. Input
The analog input of the ADC can be chosen from various sources. The analog input is configured with the
ADC_MUXP and ADC_MUXN bits within the ADC_CFG register. Table 10.2 shows the possible input selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com