Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM351-RTR Datasheet(PDF) 190 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 190 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 186Page - Silicon Laboratories EM351-RTR Datasheet HTML 187Page - Silicon Laboratories EM351-RTR Datasheet HTML 188Page - Silicon Laboratories EM351-RTR Datasheet HTML 189Page - Silicon Laboratories EM351-RTR Datasheet HTML 190Page - Silicon Laboratories EM351-RTR Datasheet HTML 191Page - Silicon Laboratories EM351-RTR Datasheet HTML 192Page - Silicon Laboratories EM351-RTR Datasheet HTML 193Page - Silicon Laboratories EM351-RTR Datasheet HTML 194Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 241 page
background image
Rev 1.3
190
11. Interrupt System
The EM35x's interrupt system is composed of two parts: a standard ARM® CortexTM-M3 Nested Vectored
Interrupt Controller (NVIC) that provides top-level interrupts, and a proprietary Event Manager (EM) that provides
second-level interrupts. The NVIC and EM provide a simple hierarchy. All second-level interrupts from the EM feed
into top-level interrupts in the NVIC. This two-level hierarchy allows for both fine granular control of interrupt
sources and coarse granular control over entire peripherals, while allowing peripherals to have their own interrupt
vector.
"11.1. Nested Vectored Interrupt Controller (NVIC)" on page 190 provides a description of the NVIC and an
overview of the exception table (ARM nomenclature refers to interrupts as exceptions). "11.2. Event Manager" on
page 192 provides a more detailed description of the Event Manager including a table of all top-level peripheral
interrupts and their second-level interrupt sources.
In practice, top-level peripheral interrupts are only used to enable or disable interrupts for an entire peripheral.
Second-level interrupts originate from hardware sources, and therefore are the main focus of applications using
interrupts.
11.1. Nested Vectored Interrupt Controller (NVIC)
The ARM® CortexTM-M3 Nested Vectored Interrupt Controller (NVIC) facilitates low-latency exception and
interrupt handling. The NVIC and the processor core interface are closely coupled, which enables low-latency
interrupt processing and efficient processing of late-arriving interrupts. The NVIC also maintains knowledge of the
stacked (nested) interrupts to enable tail-chaining of interrupts.
The ARM® CortexTM-M3 NVIC contains 10 standard interrupts that are related to chip and CPU operation and
management. In addition to the 10 standard interrupts, it contains 17 individually vectored peripheral interrupts
specific to the EM35x.
The NVIC defines a list of exceptions. These exceptions include not only traditional peripheral interrupts, but also
more specialized events such as faults and CPU reset. In the ARM® CortexTM-M3 NVIC, a CPU reset event is
considered an exception of the highest priority, and the stack pointer is loaded from the first position in the NVIC
exception table. The NVIC exception table defines all exceptions and their position, including peripheral interrupts.
The position of each exception is important since it directly translates to the location of a 32-bit interrupt vector for
each interrupt, and defines the hardware priority of exceptions. Each exception in the table is a 32-bit address that
is loaded into the program counter when that exception occurs. Table 11.1 lists the entire exception table.
Exceptions 0 (stack pointer) through 15 (SysTick) are part of the standard ARM® CortexTM-M3 NVIC, while
exceptions 16 (Timer 1) through 32 (Debug) are the peripheral interrupts specific to the EM35x peripherals. The
peripheral interrupts are listed in greater detail in Table 11.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com