Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 14Page - Texas Instruments BQ24725ARGRR Datasheet HTML 15Page - Texas Instruments BQ24725ARGRR Datasheet HTML 16Page - Texas Instruments BQ24725ARGRR Datasheet HTML 17Page - Texas Instruments BQ24725ARGRR Datasheet HTML 18Page - Texas Instruments BQ24725ARGRR Datasheet HTML 19Page - Texas Instruments BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments BQ24725ARGRR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
Device Functional Modes (continued)
8.4.4 Battery LEARN Cycle
A battery LEARN cycle can be activated via SMBus command (ChargeOption() bit[6]=1 enable LEARN cycle,
bit[6]=0 disable LEARN cycle). When LEARN is enabled with ACFET/RBFET connected, the system power
selector logic is over-driven to switch to battery by turning off ACFET/RBFET and turning on BATFET. LEARN
function allows the battery to discharge in order to calibrate the battery gas gauge over a complete
discharge/charge cycle. The controller automatically exits LEARN cycle when the battery voltage is below battery
depletion threshold, and the system switches back to adapter input by turning off BATFET and turning on
ACFET/RBFET. After LEARN cycle, the LEARN bit is automatically reset to 0. The battery depletion threshold
can be set to 59.19%, 62.65%, 66.55%, and 70.97% of voltage regulation level via SMBus command
(ChargeOption() bit[12:11]).
8.4.5 Enable and Disable Charging
In Charge mode, the following conditions have to be valid to start charge:
Charge is enabled via SMBus (ChargeOption() bit [0]=0, default is 0, charge enabled);
ILIM pin voltage higher than 105mV;
All three regulation limit DACs have valid value programmed;
ACOK is valid (See the Adapter Detect and ACOK Output section for details);
ACFET and RBFET turns on and gate voltage is high enough (See the System Power Selection section for
details);
VSRN does not exceed BATOVP threshold;
IC Temperature does not exceed TSHUT threshold;
Not in ACOC condition (See the Input Over Current Protection (ACOC) section for details);
One of the following conditions will stop on-going charging:
Charge is inhibited via SMBus (ChargeOption() bit[0]=1);
ILIM pin voltage lower than 75mV;
One of three regulation limit DACs is set to 0 or out of range;
ACOK is pulled low (See the Adapter Detect and ACOK Output section for details);
ACFET turns off;
VSRN exceeds BATOVP threshold;
TSHUT IC temperature threshold is reached;
ACOC is detected (See the Input Over Current Protection (ACOC) section for details);
Short circuit is detected (See the Inductor Short, MOSFET Short Protection section for details);
Watchdog timer expires if watchdog timer is enabled (See the Charger Timeout section for details);
8.4.6 Automatic Internal Soft-Start Charger Current
Every time the charge is enabled, the charger automatically applies soft-start on charge current to avoid any
overshoot or stress on the output capacitors or the power converter. The charge current starts at 128mA, and the
step size is 64mA in CCM mode for a 10m
Ω current sensing resistor. Each step lasts around 240µs in CCM
mode, till it reaches the programmed charge current limit. No external components are needed for this function.
During DCM mode, the soft start up current step size is larger and each step lasts for longer time period due to
the intrinsic slow response of DCM mode.
8.4.7 High Accuracy Current Sense Amplifier
As an industry standard, high accuracy current sense amplifier (CSA) is used to monitor the input current or the
charge current, selectable via SMBUS (ChargeOption() bit[5]=0 select the input current, bit[5]=1 select the
charge current) by host. The CSA senses voltage across the sense resistor by a factor of 20 through the IOUT
pin. Once VCC is above UVLO and ACDET is above 0.6V, CSA turns on and IOUT output becomes valid. To
lower the voltage on current monitoring, a resistor divider from IOUT to GND can be used and accuracy over
temperature can still be achieved.
A 100pF capacitor connected on the output is recommended for decoupling high-frequency noise. An additional
RC filter is optional, if additional filtering is desired. Note that adding filtering also adds additional response delay.
18
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com