Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments BQ24725ARGRR Datasheet HTML 22Page - Texas Instruments BQ24725ARGRR Datasheet HTML 23Page - Texas Instruments BQ24725ARGRR Datasheet HTML 24Page - Texas Instruments BQ24725ARGRR Datasheet HTML 25Page - Texas Instruments BQ24725ARGRR Datasheet HTML 26Page - Texas Instruments BQ24725ARGRR Datasheet HTML 27Page - Texas Instruments BQ24725ARGRR Datasheet HTML 28Page - Texas Instruments BQ24725ARGRR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
8.5.4 Setting the Charge Voltage
To set the output charge regulation voltage, write a 16bit ChargeVoltage() command (0x15H or 0b00010101)
using the data format listed in Table 5. The bq24725A provides charge voltage range from 1.024V to 19.200V,
with 16mV step resolution. Sending ChargeVoltage() below 1.024V or above 19.2V clears the register and
terminates charging. Upon POR, charge voltage limit is 0V.
The SRN pin is used to sense the battery voltage for voltage regulation and should be connected as close to the
battery as possible, and place a decoupling capacitor (0.1µF recommended) as close to the IC as possible to
decouple high frequency noise.
Figure 16. Charge Voltage Register (0x15H)
15
14
13
12
11
10
9
8
Not in use
Charge
Charge
Charge
Charge
Charge
Charge
Charge
Voltage, DACV
Voltage, DACV
Voltage, DACV
Voltage, DACV
Voltage, DACV
Voltage, DACV
Voltage, DACV
10
9
8
7
6
5
4
R/W
R/W
R/W R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Charge
Charge
Charge
Charge
Not in use
Not in use
Not in use
Not in use
Voltage, DACV
Voltage, DACV
Voltage, DACV
Voltage, DACV
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 5. Charge Voltage Register (0x15H)
Bit
Field
Type
Reset
Description
[15]
Not in use
R/W
Not used.
[14]
Charge Voltage, DACV 10
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 16384mV of charger voltage.
[13]
Charge Voltage, DACV 9
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 8192mV of charger voltage.
[12]
Charge Voltage, DACV 8
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 4096mV of charger voltage.
[11]
Charge Voltage, DACV 7
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 2048mV of charger voltage.
[10]
Charge Voltage, DACV 6
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 1024mV of charger voltage.
[9]
Charge Voltage, DACV 5
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 512mV of charger voltage.
[8]
Charge Voltage, DACV 4
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 256mV of charger voltage.
[7]
Charge Voltage, DACV 3
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 128mV of charger voltage.
[6]
Charge Voltage, DACV 2
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 64mV of charger voltage.
[5]
Charge Voltage, DACV 1
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 32mV of charger voltage
[4]
Charge Voltage, DACV 0
R/W
0 = Adds 0mV of charger voltage.
1 = Adds 16mV of charger voltage.
[3]
Not in use
R/W
Not used.
[2]
Not in use
R/W
Not used.
[1]
Not in use
R/W
Not used.
[0]
Not in use
R/W
Not used.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com