| Electronic Components Datasheet Search |
|
TNETV2685FIDZUTA9 Datasheet(PDF) 108 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIDZUTA9 Datasheet(HTML) 108 Page - Texas Instruments |
|
108 / 191 page ![]() DM648 Device A1 A1 DDR2Device VREFNominalMinimum TraceWidthis20Mils VREFBypassCapacitor NeckdowntominimuminBGA escaperegions isacceptable.Narrowingtoaccommodatevia congestionforshortdistancesisalsoacceptable. Bestperformanceisobtainedifthewidthof VREFismaximized. A1 A1 A T DM648 TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com 6.9.3.10 VREF Routing VREF is used as a reference by the input buffers of the DDR2 memories as well as the device’s. VREF is intended to be 1/2 the DDR2 power supply voltage and should be created using a resistive divider as shown in Figure 6-11. Other methods of creating VREF are not recommended. Figure 6-15 shows the layout guidelines for VREF. A. DM648 is shown in this figure as an example of the device and represents the entire set of devices that include: DM647/DM648. Figure 6-15. VREF Routing and Topology 6.9.3.11 DDR2 CK and ADDR_CTRL Routing Figure 6-16 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A should be maximized. A. DM648 is shown in this figure as an example of the device and represents the entire set of devices that include: DM647/DM648. Figure 6-16. CK and ADDR_CTRL Routing and Topology 108 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |