Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B60x Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC560B60x
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B60x Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC560B60x Datasheet HTML 98Page - STMicroelectronics SPC560B60x Datasheet HTML 99Page - STMicroelectronics SPC560B60x Datasheet HTML 100Page - STMicroelectronics SPC560B60x Datasheet HTML 101Page - STMicroelectronics SPC560B60x Datasheet HTML 102Page - STMicroelectronics SPC560B60x Datasheet HTML 103Page - STMicroelectronics SPC560B60x Datasheet HTML 104Page - STMicroelectronics SPC560B60x Datasheet HTML 105Page - STMicroelectronics SPC560B60x Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
102/133
DocID15131 Rev 9
Equation 14 ADC_1 (12-bit)
4.17.3
ADC electrical characteristics
C
F
8192
C
S
Table 44. ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC
D
Input leakage current
TA = 40 °C
No current injection on adjacent pin
—1
70
nA
DTA = 25 °C
—
1
70
DTA = 85 °C
3
100
DTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 45. ADC_0 conversion characteristics (10-bit ADC_0)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VSS_ADC0 SR —
Voltage on VSS_HV_ADC0
(ADC_0 reference) pin with
respect to ground (VSS)
(2)
—
0.1
—
0.1
V
VDD_ADC0 SR —
Voltage on VDD_HV_ADC pin
(ADC reference) with respect to
ground (VSS)
—VDD 0.1
—
VDD + 0.1
V
VAINx
SR — Analog input voltage(3)
—
VSS_ADC0
0.1
—
VDD_ADC0
+ 0.1
V
IADC0pwd SR —
ADC_0 consumption in power
down mode
——
—
50
µA
IADC0run SR —
ADC_0 consumption in running
mode
——
—
5
mA
fADC0
SR — ADC_0 analog frequency
—
6—
32 + 4% MHz
ADC0_SYS SR —
ADC_0 digital clock duty cycle
(ipg_clk)
ADCLKSEL = 1(4)
45
—
55
%
tADC0_PU SR — ADC_0 power up delay
—
——
1.5
µs
tADC0_S CC T Sampling time
(5)
fADC = 32 MHz,
INPSAMP = 17
0.5
—
µs
fADC = 6 MHz,
INPSAMP = 255
——
42
tADC0_C CC P Conversion time
(6)
fADC = 32 MHz,
INPCMP = 2
0.625
—
—
µs
CS
CC D
ADC_0 input sampling
capacitance
——
—
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com