Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B60x Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC560B60x
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B60x Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC560B60x Datasheet HTML 104Page - STMicroelectronics SPC560B60x Datasheet HTML 105Page - STMicroelectronics SPC560B60x Datasheet HTML 106Page - STMicroelectronics SPC560B60x Datasheet HTML 107Page - STMicroelectronics SPC560B60x Datasheet HTML 108Page - STMicroelectronics SPC560B60x Datasheet HTML 109Page - STMicroelectronics SPC560B60x Datasheet HTML 110Page - STMicroelectronics SPC560B60x Datasheet HTML 111Page - STMicroelectronics SPC560B60x Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
108/133
DocID15131 Rev 9
IDD_HV(FLASH) CC T
CFlash + DFlash
supply current on
VDD_HV
VDD = 5.5 V
—
12
mA
IDD_HV(PLL) CC T
PLL supply current on
VDD_HV
VDD = 5.5 V
—
30 * fperiph
µA
1.
Operating conditions: TA = 25 °C, fperiph = 8 MHz to 64 MHz.
2.
fperiph is an absolute value.
3.
During the conversion, the total current consumption is given from the sum of the static and dynamic consumption, i.e., (41
+ 46) * fperiph.
Table 47. On-chip peripherals current consumption(1) (continued)
Symbol
C
Parameter
Conditions
Typical
value(2)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com