Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC570S40E1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPC570S40E1
Description  Single issue 4-stage pipeline in-order execution core
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPC570S40E1 Datasheet HTML 2Page - STMicroelectronics SPC570S40E1 Datasheet HTML 3Page - STMicroelectronics SPC570S40E1 Datasheet HTML 4Page - STMicroelectronics SPC570S40E1 Datasheet HTML 5Page - STMicroelectronics SPC570S40E1 Datasheet HTML 6Page - STMicroelectronics SPC570S40E1 Datasheet HTML 7Page - STMicroelectronics SPC570S40E1 Datasheet HTML 8Page - STMicroelectronics SPC570S40E1 Datasheet HTML 9Page - STMicroelectronics SPC570S40E1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Introduction
SPC570S40Ex, SPC570S50Ex
6/68
DocID024492 Rev 6
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the device. To
ensure a complete understanding of the device functionality, refer also to the device
reference manual and errata sheet.
1.2
Description
The SPC570Sx is a family of next generation microcontrollers built on the Power
Architecture embedded category.
The SPC570Sx family of 32-bit microcontrollers is the latest achievement in integrated
automotive application controllers. It belongs to an expanding family of automotive-focused
products designed to address the next wave of Chassis and Safety electronics applications
within the vehicle. The advanced and cost-efficient host processor core of this automotive
controller family complies with the Power Architecture embedded category and only
implements the VLE (variable-length encoding) APU, providing improved code density. It
operates at speeds of up to 80 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current
Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users implementations.
Table 1. SPC570Sx device feature summary (Family Superset Configuration)
Feature
Description
Process
55 nm
Main processor
Core
e200z0h
Number of main cores
1
Number of checker cores
1
VLE
Yes
Main processor frequency
80 MHz(1)
Interrupt controllers (including interrupt controller checker)
1
Software watchdog timer
1
System timers
1 AUTOSAR® STM
1 PIT with four 32-bit channels
DMA (including DMA checker)
1
DMA channels
16
SMPU
Yes (8 regions)(2)
System SRAM
48 KB
Code flash memory
512 KB
Data flash memory (suitable for EEPROM emulation)
32 KB


Similar Part No. - SPC570S40E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
   SPC570S-DISP Discovery evaluation board
April 2016
SPC570SADPT100S STMICROELECTRONICS-SPC570SADPT100S Datasheet
217Kb / 3P
   SPC570Sx microcontroller premium evaluation boards
June 2015 Rev 1
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
   SPC570Sx microcontroller premium evaluation boards
June 2015 Rev 1
More results

Similar Description - SPC570S40E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60X STMICROELECTRONICS-SPC56EL60X Datasheet
2Mb / 165P
   Dual issue five-stage pipeline core
July 2015 Rev 12
logo
Broadcom Corporation.
BCM53001 BOARDCOM-BCM53001 Datasheet
83Kb / 2P
   Dual-issue machine with out-of-order execution
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com