Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXA0 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 97Page - STMicroelectronics ST7FOXA0 Datasheet HTML 98Page - STMicroelectronics ST7FOXA0 Datasheet HTML 99Page - STMicroelectronics ST7FOXA0 Datasheet HTML 100Page - STMicroelectronics ST7FOXA0 Datasheet HTML 101Page - STMicroelectronics ST7FOXA0 Datasheet HTML 102Page - STMicroelectronics ST7FOXA0 Datasheet HTML 103Page - STMicroelectronics ST7FOXA0 Datasheet HTML 104Page - STMicroelectronics ST7FOXA0 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 123 page
background image
ST7FOXA0
Electrical characteristics
101/123
12.7.2
EMI (Electromagnetic interference)
Based on a simple application running on the product (toggling two LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
Table 52.
ST7FOXA0 EMI characteristics(1)
1.
Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Monitored
Frequency Band
Max vs.
[fOSC/fCPU]
Unit
-/8MHz
SEMI
Peak level
VDD=5 V, TA=+25 °C,
SO8 package,
conforming to SAE J
1752/3
0.1 MHz to 30 MHz
20
dB
µV
30 MHz to 130 MHz
20
130 MHz to 1 GHz
13
SAE EMI Level
2.5
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com