Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE49K2 Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 194Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 195Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 196Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 197Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 198Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 199Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 200Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 201Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 245 page
background image
Electrical characteristics
ST7LITE49K2
198/245
Internal RC oscillator calibrated at 3.3 V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Figure 86.
Frequency vs voltage at four different ambient temperatures (RC at 5 V)
Table 77.
Internal RC oscillator characteristics (3.3 V calibration)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value),
TA=25 °C,VDD=3.3 V
4.3
MHz
RCCR = RCCR1(1),
TA = 25 °C, VDD = 3.3 V
7.84
8
8.16
ACCRC
Accuracy of Internal
RC oscillator with
RCCR=RCCR11)
TA= 25 °C, VDD = 3.3 V
(2)
1%
TA= 25 °C, VDD = 3.0 to 3.6 V
(3)
-2
2
%
TA= 0 to +85 °C, VDD = 3.0 to 3.6 V
(3)
-2.5
4
%
TA = 0 to +125 °C, VDD = 3.0 to 3.6 V
(3)
-3
6
%
TA = -40 to 0 °C, VDD = 3.0 to 3.6 V
(4)
-4
2.5
%
tsu(RC)
RC oscillator setup
time
TA = 25 °C, VDD = 3.3 V
4 (3)
μs
1.
See Section 7.1.1: Internal RC oscillator
2.
Tested in production at 3.3 V only
3.
Tested in production at 3.3 V only
4.
Garranted by characterization - Not tested in production.
7.800
7.840
7.880
7.920
7.960
8.000
8.040
8.080
8.120
8.160
8.200
VDD (V)
RC 5V@- 40 °C
RC 5V@25 °C
RC 5V@85 °C
RC 5V@12 5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com