Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 161Page - STMicroelectronics ST7MC1K2 Datasheet HTML 162Page - STMicroelectronics ST7MC1K2 Datasheet HTML 163Page - STMicroelectronics ST7MC1K2 Datasheet HTML 164Page - STMicroelectronics ST7MC1K2 Datasheet HTML 165Page - STMicroelectronics ST7MC1K2 Datasheet HTML 166Page - STMicroelectronics ST7MC1K2 Datasheet HTML 167Page - STMicroelectronics ST7MC1K2 Datasheet HTML 168Page - STMicroelectronics ST7MC1K2 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
165/371
Figure 69.
LIN synch field measurement
LIN baud rate
Baud rate programming is done by writing a value in the LPR prescaler or performing an
automatic resynchronization as described below.
Automatic resynchronization
To automatically adjust the baud rate based on measurement of the LIN synch field:
●
Write the nominal LIN prescaler value (usually depending on the nominal baud rate) in
the LPFR/LPR registers.
●
Set the LASE bit to enable the auto synchronization unit.
When auto synchronization is enabled, after each LIN synch break, the time duration
between five falling edges on RDI is sampled on fCPU and the result of this measurement is
stored in an internal 15-bit register called SM (not user accessible) (see Figure 69). Then
the LDIV value (and its associated LPFR and LPR registers) are automatically updated at
the end of the fifth falling edge. During LIN synch field measurement, the SCI state machine
is stopped and no data is transferred to the data register.
LIN slave baud rate generation
In LIN mode, transmission and reception are driven by the LIN baud rate generator.
Note:
LIN master mode uses the extended or conventional prescaler register to generate the baud
rate.
If LINE bit = 1 and LSLV bit = 1 then the conventional and extended baud rate generators
are disabled. Thus, the baud rate for the receiver and transmitter are both set to the same
value, which depends on the LIN Slave baud rate generator:
Equation 9
where
LDIV is an unsigned fixed point number. The mantissa is coded on 8 bits in the LPR register
and the fraction is coded on 4 bits in the LPFR register.
If LASE bit = 1 then LDIV is automatically updated at the end of each LIN synch field.
LIN synch break
Extra
’1’
Bit 0
Bit 1
Start
bit
Stop
bit
Next
start
bit
LIN synch field
Measurement = 8.TBR =SM.tCPU
LPR(n)
LPR(n+1)
LPR = tBR/(16.tCPU) = rounding (SM/128)
tCPU = CPU period
tBR = Baud rate period
tBR
SM = Synch measurement register (15 bits)
tBR = 16.LP.tCPU
Bit 2
Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Tx = Rx =
(16*LDIV)
fCPU
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com