Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2 Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 239Page - STMicroelectronics ST7MC1K2 Datasheet HTML 240Page - STMicroelectronics ST7MC1K2 Datasheet HTML 241Page - STMicroelectronics ST7MC1K2 Datasheet HTML 242Page - STMicroelectronics ST7MC1K2 Datasheet HTML 243Page - STMicroelectronics ST7MC1K2 Datasheet HTML 244Page - STMicroelectronics ST7MC1K2 Datasheet HTML 245Page - STMicroelectronics ST7MC1K2 Datasheet HTML 246Page - STMicroelectronics ST7MC1K2 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
243/371
The multiplexer directs the PWM to the upper channel, the lower channel or both of them
alternatively or simultaneously according to the peripheral state.
This means that the PWM can affect any of the upper or lower channels allowing the
selection of the most appropriate reference potential when free-wheeling the motor in order
to:
●
improve system efficiency
●
speed up the demagnetization phase
●
enable back EMF zero crossing detection
The OS[2:0] bits in the MCRB register allow the PWM configuration to be configured for
each case as shown in Figure 111 and Figure 110.
During demagnetization, the OS2 bit is used to control PWM mode, and it is latched in a
preload register so it can be modified when a commutation event occurs and the
configuration is active immediately.
The OS1 bit is used to control the PWM between the D and Z events to control back EMF
detection.
OS0 bit allows control of the PWM signal between the Z event and the next C event.
Note:
Demagnetization speed-up: During demagnetization the voltage on the winding has to be
as high as possible in order to reduce the demagnetization time. Software can apply a
different PWM configuration on the outputs between the C and D events, to force the free
wheeling on the appropriate diodes to maximize the demagnetization voltage.
Emergency feature
When the NMCES pin goes low:
●
The tristate output buffer is put in reset state asynchronously.
●
The MOE bit in the MCRA register is reset.
●
An interrupt request is sent to the CPU if the EIM bit in the MIMR register is set.
This bit can be connected to an alarm signal from the drivers, thermal sensor or any other
security component.
This feature functions even if the MCU oscillator is off.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com