Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2 Datasheet(PDF) 259 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 255Page - STMicroelectronics ST7MC1K2 Datasheet HTML 256Page - STMicroelectronics ST7MC1K2 Datasheet HTML 257Page - STMicroelectronics ST7MC1K2 Datasheet HTML 258Page - STMicroelectronics ST7MC1K2 Datasheet HTML 259Page - STMicroelectronics ST7MC1K2 Datasheet HTML 260Page - STMicroelectronics ST7MC1K2 Datasheet HTML 261Page - STMicroelectronics ST7MC1K2 Datasheet HTML 262Page - STMicroelectronics ST7MC1K2 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
259/371
PWM generator initialization and start-up
The three-phase generator counter stays in reset state (that is, stopped and equal to 0), as
long as MTC peripheral clock is disabled (CKE = 0).
Setting the CKE bit has two actions on the PWM generator:
●
It starts the PWM counter
●
It forces the update of all registers with preload registers transferred on U update event,
that is, MREP, MPCR, MCMP0, MCMPU, MCMPV, MCMPW (in 12-bit mode, both
MCMPxL and MCMPxH must have been written, following the mandatory LSB/MSB
sequence, before setting CKE bit). It consequently generates a U interrupt.
10.6.11
Low power modes
Before executing a HALT or WFI instruction, software must stop the motor, and may choose
to put the outputs in high impedance.
10.6.12
Interrupts
The MTC interrupt events are connected to the three interrupt vectors (see Section 7:
Interrupts).
They generate an interrupt if the corresponding enable control bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
Table 114.
Effect of low power modes on MTC
Mode
Description
Wait
No effect on MTC interface.
MTC interrupts exit from Wait mode.
Halt
MTC registers are frozen.
In Halt mode, the MTC interface is inactive. The MTC interface becomes
operational again when the MCU is woken up by an interrupt with ‘exit from Halt
mode’ capability.
Table 115.
MTC interrupt control/wake-up capability
Interrupt event
Event flag
Enable control bit
Exit from WAIT
Exit from HALT
Ratio increment
RPI
RIM
Yes
No
Ratio decrement
RMI
Yes
No
Speed error
SEI
SEM
Yes
No
Emergency stop
EI
EIM
Yes
No
Current limitation
CLI
CLIM
Yes
No
BEMF zero-crossing
ZI
ZIM
Yes
No
End of demagnetization
DI
DIM
Yes
No
Commutation or capture
CI
CIM
Yes
No
PWM update
PUI
PUM
Yes
No
Sampling out
SOI
SOM
Yes
No
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com