Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2 Datasheet(PDF) 266 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 266 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 262Page - STMicroelectronics ST7MC1K2 Datasheet HTML 263Page - STMicroelectronics ST7MC1K2 Datasheet HTML 264Page - STMicroelectronics ST7MC1K2 Datasheet HTML 265Page - STMicroelectronics ST7MC1K2 Datasheet HTML 266Page - STMicroelectronics ST7MC1K2 Datasheet HTML 267Page - STMicroelectronics ST7MC1K2 Datasheet HTML 268Page - STMicroelectronics ST7MC1K2 Datasheet HTML 269Page - STMicroelectronics ST7MC1K2 Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
266/371
6CKE
Clock enable bit
0: Motor control peripheral clocks disabled
1: Motor control peripheral clocks enabled
Note: ‘Clocks disabled’ means that all peripheral internal clocks (delay manager,
internal sampling clock, PWM generator) are disabled. Therefore, the peripheral can
no longer detect events and the preload registers do not operate. When clocks are
disabled, write accesses are allowed, so for example, MTIM counter register can be
reset by software. See Table 127.
5SR
Sensor ON/OFF
0: Sensorless mode
1: Position sensor mode
See Table 128, Table 133 and Table 134.
4DAC
Direct access to phase state register
0: No direct access (reset value). In this mode the preload value of the MPHST and
MCRB registers is taken into account at the C event
1: Direct access enabled. In this mode, write a value in the MPHST register to access
the outputs directly
See Table 129.
Note: In direct access mode (DAC bit is set in MCRA register), a C event is generated
as soon as there is a write access to the OO[5:0] bits in MPHST register. In this case,
the PWM low/high selection is done by the OS0 bit in the MCRB register.
3V0C1
Voltage/current mode
0: Voltage mode
1: Current mode
2SWA
Switched/autoswitched mode
0: Switched mode
1: Autoswitched mode
Notes:
1. After reset, in autoswitched mode (SWA = 1), the motor control peripheral is waiting
for a C commutation event.
2. After reset, a C event is immediately generated when CKE and SWA are
simultaneously set due to a nil value of MCOMP.
1PZ
Protection from parasitic zero-crossing event detection
0: Protection disabled
1: Protection enabled
Note: If the PZ bit is set, the Z event filter (ZEF[3:0] in the MZFR register is ignored.
0
DCB
Data capture bit
0: Use MZPRV (ZN-1) for multiplication
1: Use MZREG (ZN) for multiplication
See Table 130.
1.
The reset state is either high impedance, high or low state depending on the corresponding option bit.
2.
When the MOE bit in the MCRA register is reset (MCOx outputs in reset state), and the SR bit in the MCRA
register is reset (sensorless mode) and the SPLG bit in the MCRC register is reset (sampling at PWM
frequency) then, depending on the state of the ZSV bit in the MSCR register, Z event sampling can run or
be stopped (and D event is sampled).
Table 126.
MCRA register description (continued)
Bit Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com